Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSH2818-51-07-012 Datasheet(PDF) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # QSH2818-51-07-012
Description  motor controllers and drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QSH2818-51-07-012 Datasheet(HTML) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button QSH2818-51-07-012 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. QSH2818-51-07-012 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. QSH2818-51-07-012 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. QSH2818-51-07-012 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. QSH2818-51-07-012 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. QSH2818-51-07-012 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. QSH2818-51-07-012 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. QSH2818-51-07-012 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. QSH2818-51-07-012 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
QSH2818 Manual (V1.04 / 2010-OCT-19)
11
Copyright © 2010, TRINAMIC Motion Control GmbH & Co. KG
6.4 Back EMF (BEMF)
Within SI units, the numeric value of the BEMF constant has the same numeric value as the numeric
value of the torque constant. For example, a motor with a torque constant of 1 Nm/A would have a
BEMF constant of 1V/rad/s. Turning such a motor with 1 rps (1 rps = 1 revolution per second =
6.28 rad/s) generates a BEMF voltage of 6.28V.
The Back EMF constant can be calculated as:
The voltage is valid as RMS voltage per coil, thus the nominal current I
NOM is multiplied by 2 in this
formula, since the nominal current assumes a full step position, with two coils switched on. The
torque is in unit [Nm] where 1Nm = 100cNm = 1000mNm.
One can easily measure the BEMF constant of a two phase stepper motor with a (digital) scope. One
just has to measure the voltage of one coil (one phase) when turning the axis of the motor manually.
With this, one gets a voltage (amplitude) and a frequency of a periodic voltage signal (sine wave).
The full step frequency is 4 times the frequency the measured sine wave.
6.5 Choosing the commutation scheme
While the motor performance curves are depicted for fullstepping and halfstepping, most modern
drivers provide a microstepping scheme. Microstepping uses a discrete sine and a cosine wave to
drive both coils of the motor, and gives a very smooth motor behavior as well as an increased
position resolution. The amplitude of the waves is 1.41 times the nominal motor current, while the
RMS values equal the nominal motor current. The stepper motor does not make loud steps any more
– it turns smoothly! Therefore, 16 microsteps or more are recommended for a smooth operation and
the avoidance of resonances. To operate the motor at fullstepping, some considerations should be
taken into account.
Driver Scheme Resolution
Velocity range
Torque
Comments
Fullstepping
200 steps per
rotation
Low to very high.
Skip resonance
areas in low to
medium velocity
range.
Full torque if dam-
pener used,
otherwise reduced
torque in resonance
area
Audible noise
especially at low
velocities
Halfstepping
200 steps per
rotation * 2
Low to very high.
Skip resonance
areas in low to me-
dium velocity
range.
Full torque if dam-
pener used,
otherwise reduced
torque in resonance
area
Audible noise
especially at low
velocities
Microstepping
200 * (number of
microsteps) per
rotation
Low to high.
Reduced torque at
very high velocity
Low noise, smooth
motor behavior
Mixed: Micro-
stepping and
fullstepping for
high velocities
200 * (number of
microsteps) per
rotation
Low to very high.
Full torque
At high velocities,
there is no audible
difference for full-
stepping
Table 6.3: Comparing microstepping and fullstepping
 
 
A
I
Nm
ngTorque
MotorHoldi
s
rad
V
U
NOM
BEMF


2
/


Similar Part No. - QSH2818-51-07-012

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QSH2818-51-07-012 TRINAMIC-QSH2818-51-07-012 Datasheet
112Kb / 1P
   28mm/NEMA11 1.8째stepangle high torque hybrids tepper motor
More results

Similar Description - QSH2818-51-07-012

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
logo
NXP Semiconductors
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
   LCD controllers/drivers
2001 Dec 19
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
   LCD controllers/drivers
2003 Jan 30
PCF2119X-2 PHILIPS-PCF2119X-2 Datasheet
261Kb / 60P
   LCD controllers/drivers
28. August 2000
PCF2103 PHILIPS-PCF2103 Datasheet
300Kb / 56P
   LCD controllers/drivers
1998 May 11
logo
KEC(Korea Electronics)
KTA1544T KEC-KTA1544T Datasheet
83Kb / 3P
   RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS AND STROBES APPLICATION.
logo
NXP Semiconductors
PCF2113X NXP-PCF2113X Datasheet
404Kb / 65P
   LCD controllers/drivers
Rev. 04-4 March 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com