Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSH-6018 Datasheet(PDF) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # QSH-6018
Description  QMOT STEPPER MOTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QSH-6018 Datasheet(HTML) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button QSH-6018 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-6018 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-6018 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-6018 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-6018 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-6018 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-6018 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-6018 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-6018 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
QSH6018 Manual (V1.08 / 2014-SEP-04)
9
www.trinamic.com
5.2.1 Choosing the Optimum Current Setting
Generally, you choose the motor in order to give the desired performance at nominal current. For
short time operation, you might want to increase the motor current to get a higher torque than
specified for the motor. In a hot environment, you might want to work with a reduced motor current
in order to reduce motor self heating.
The TRINAMIC drivers allow setting the motor current for up to three conditions:
-
Stand still (choose a low current)
-
Nominal operation (nominal current)
-
High acceleration (if increased torque is required: You may choose a current above the
nominal setting, but be aware, that the mean power dissipation shall not exceed the
motors nominal rating)
5.2.2 Choosing the Standby Current
Most applications do not need much torque during motor standstill. You should always reduce the
motor current during standstill. This reduces power dissipation and heat generation. Depending on
your application, you typically at least can half power dissipation. There are several aspects why this
is possible: In standstill, motor torque is higher than at any other velocity. Thus, you do not need the
full current even with a static load! Your application might need no torque at all, but you might need
to keep the exact microstep position: Try how low you can go in your application. If the microstep
position exactness does not matter for the time of standstill, you might even reduce the motor
current to zero, provided that there is no static load on the motor and enough friction in order to
avoid complete position loss.
5.3 Motor Driver Supply Voltage
The driver supply voltage in many applications cannot be chosen freely, because other components
have a fixed supply voltage of e.g. 24V DC. If you have the possibility to choose the driver supply
voltage, please refer to the driver data sheet and consider that a higher voltage means a higher
torque at higher velocity. The motor torque diagrams are measured for a given supply voltage. You
typically can scale the velocity axis (steps/sec) proportionally to the supply voltage to adapt the curve,
e.g. if the curve is measured for 48V and you consider operation at 24V, half all values on the x-Axis
to get an idea of the motor performance.
For a chopper driver, consider the following corner values for the driver supply voltage (motor
voltage). The table is based on the nominal motor voltage, which normally just has a theoretical
background in order to determine the resistive loss in the motor.
Comment on the nominal motor voltage:
(Please refer to motor technical data table.)
Parameter
Value
Comment
Minimum
driver
supply voltage
2 * U
COIL_NOM
Very limited motor velocity. Only slow movement without
torque reduction. Chopper noise might become audible.
Optimum
driver
supply voltage
≥ 4 * U
COIL_NOM
and
≤ 22 * U
COIL_NOM
Choose the best fitting voltage in this range using the motor
torque curve and the driver data. You can scale the torque
curve proportionally to the actual driver supply voltage.
Maximum
rated
driver
supply
voltage
25 * U
COIL_NOM
When exceeding this value, the magnetic switching losses in
the motor reach a relevant magnitude and the motor might
get too hot at nominal current. Thus there is no benefit in
further raising the voltage.
Table 5.2: Driver supply voltage considerations
U
COIL_NOM = IRMS_RATED * RCOIL


Similar Part No. - QSH-6018

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QSH-020-01-L-D-DP-A SAMTEC-QSH-020-01-L-D-DP-A Datasheet
343Kb / 1P
   HIGH-SPEED GROUND PLANE SOCKET
QSH-030-01-C-D-A SAMTEC-QSH-030-01-C-D-A Datasheet
599Kb / 3P
   .5mm DOUBLE ROW HS SOCKET ASSEMBLY
QSH-030-01-C-D-FL SAMTEC-QSH-030-01-C-D-FL Datasheet
599Kb / 3P
   .5mm DOUBLE ROW HS SOCKET ASSEMBLY
QSH-030-01-C-D-GP SAMTEC-QSH-030-01-C-D-GP Datasheet
599Kb / 3P
   .5mm DOUBLE ROW HS SOCKET ASSEMBLY
QSH-030-01-C-D-K SAMTEC-QSH-030-01-C-D-K Datasheet
599Kb / 3P
   .5mm DOUBLE ROW HS SOCKET ASSEMBLY
More results

Similar Description - QSH-6018

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QSH-5718 TRINAMIC-QSH-5718_11 Datasheet
400Kb / 15P
   QMOT STEPPER MOTORS
QSH-4218 TRINAMIC-QSH-4218 Datasheet
466Kb / 13P
   QMOT STEPPER MOTORS
QSH-8618 TRINAMIC-QSH-8618 Datasheet
489Kb / 18P
   QMOT STEPPER MOTORS
TMC4361 TRINAMIC-TMC4361 Datasheet
2Mb / 117P
   stepper motors
logo
List of Unclassifed Man...
HY20022200100AX08 ETC-HY20022200100AX08 Datasheet
4Mb / 32P
   Stepper Motors
35BYG002 ETC-35BYG002 Datasheet
182Kb / 1P
   HB Stepper Motors
logo
TRINAMIC Motion Control...
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com