Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD1-113-57-SE-232 Datasheet(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD1-113-57-SE-232
Description  MECHATRONIC DRIVES WITH STEPPER MOTOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD1-113-57-SE-232 Datasheet(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD1-113-57-SE-232 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-232 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-232 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-232 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-232 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-232 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-232 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-232 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-232 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
PD-113-57/60-SE / TMCM-113-60-SE Hardware Manual (V1.52 / 2011-DEC-06)
7
Copyright © 2011, TRINAMIC Motion Control GmbH & Co. KG
4.2 Size of PD-113-60-SE
Currently, there is a choice between four NEMA 24 / 60mm bipolar stepper motors with different lengths and
different holding torques.
Length
5
9
38.1±0.025
1.6
24±1
8-0.013
Connectors
17
69 max
20±0.5
7.5±0.2
60±0.5
60±0.5
47.14±0.2
60±0.5
38.1±0.025
8
47.14±0.2
4-ø4.5
Figure 4.2: Dimensions of PD-113-60-SE (all values in mm)
Length of motor
PD1
45.0mm
PD2
56.0mm
PD3
65.0mm
PD4
86.0mm


Similar Part No. - PD1-113-57-SE-232

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD1-113-57-SE TRINAMIC-PD1-113-57-SE Datasheet
87Kb / 1P
   57mm/NEMA23 or 60mm/NEMA24 Stepper Motor with Controller/Driver with Encoder and Serial Interface
More results

Similar Description - PD1-113-57-SE-232

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1060 TRINAMIC-TMCM-1060 Datasheet
1Mb / 34P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
TMCM-1180 TRINAMIC-TMCM-1180 Datasheet
781Kb / 27P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
Aeroflex Circuit Techno...
PN16283 AEROFLEX-PN16283 Datasheet
158Kb / 1P
   Stepper Motor with Gearhead
PN16401 AEROFLEX-PN16401 Datasheet
202Kb / 1P
   Stepper Motor with Gearhead
logo
TRINAMIC Motion Control...
PD-1140 TRINAMIC-PD-1140 Datasheet
778Kb / 26P
   Stepper Motor with Controller
PD-1021 TRINAMIC-PD-1021 Datasheet
758Kb / 21P
   Stepper Motor with Controller
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
logo
Aeroflex Circuit Techno...
PN16250 AEROFLEX-PN16250 Datasheet
152Kb / 1P
   Stepper Motor with Gearhead
logo
TRINAMIC Motion Control...
PD-1141 TRINAMIC-PD-1141 Datasheet
393Kb / 1P
   Stepper Motor with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com