Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805X106M3RALTU Datasheet(PDF) 7 Page - Kemet Corporation

Part # C0805X106M3RALTU
Description  Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805X106M3RALTU Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C0805X106M3RALTU Datasheet HTML 3Page - Kemet Corporation C0805X106M3RALTU Datasheet HTML 4Page - Kemet Corporation C0805X106M3RALTU Datasheet HTML 5Page - Kemet Corporation C0805X106M3RALTU Datasheet HTML 6Page - Kemet Corporation C0805X106M3RALTU Datasheet HTML 7Page - Kemet Corporation C0805X106M3RALTU Datasheet HTML 8Page - Kemet Corporation C0805X106M3RALTU Datasheet HTML 9Page - Kemet Corporation C0805X106M3RALTU Datasheet HTML 10Page - Kemet Corporation C0805X106M3RALTU Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1013_X7R_FT-CAP_SMD • 2/29/2016
7
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0603 – 1210 Case Sizes) cont'd
Table 1B – Capacitance Range/Selection Waterfall (1808 – 2225 Case Sizes)
Cap Cap
Code
Case Size/
Series
C1808X
C1812X
C1825X
C2220X
C2225X
Voltage Code
5
1
2
A
3
5
1
2
A
5
1
2
A
3
5
1
2
A
5
1
2
A
Rated Voltage
(VDC)
Cap Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
4,700 pF
472
J
K
M
LD
LD
LD
5,600 pF
562
J
K
M
LD
LD
LD
6,800 pF
682
J
K
M
LD
LD
LD
GB
GB
GB
GB
GB
8,200 pF
822
J
K
M
LD
LD
LD
GB
GB
GB
GB
GB
10,000 pF
103
J
K
M
LD
LD
LD
GB
GB
GB
GB
GB
12,000 pF
123
J
K
M
LD
LD
LD
GB
GB
GB
GB
GB
15,000 pF
153
J
K
M
LD
LD
LD
GB
GB
GB
GB
GB
18,000 pF
183
J
K
M
LD
LD
LD
GB
GB
GB
GB
GB
22,000 pF
223
J
K
M
LD
LD
GB
GB
GB
GB
GB
HB
HB
HB
HB
27,000 pF
273
J
K
M
LD
LD
GB
GB
GB
GB
GB
HB
HB
HB
HB
33,000 pF
333
J
K
M
LD
LD
GB
GB
GB
GB
GB
HB
HB
HB
HB
39,000 pF
393
J
K
M
LD
LD
GB
GB
GB
GB
GB
HB
HB
HB
HB
47,000 pF
473
J
K
M
LD
LD
GB
GB
GB
GB
GB
HB
HB
HB
HB
KC
KC
KC
KC
56,000 pF
563
J
K
M
LD
LD
GB
GB
GB
GB
GB
HB
HB
HB
HB
KC
KC
KC
KC
68,000 pF
683
J
K
M
LD
GB
GB
GB
GB
GB
HB
HB
HB
HB
KC
KC
KC
KC
82,000 pF
823
J
K
M
LD
GB
GB
GB
GB
GB
HB
HB
HB
HB
JC
JC
JC
JC
JC
KC
KC
KC
KC
0.10 µF
104
J
K
M
LD
GB
GB
GB
GB
GB
HB
HB
HB
HB
JC
JC
JC
JC
JC
KC
KC
KC
KC
0.12 µF
124
J
K
M
LD
GB
GB
GB
GB
GB
HB
HB
HB
HB
JC
JC
JC
JC
JC
KC
KC
KC
KC
0.15 µF
154
J
K
M
LD
GB
GB
GB
GE
GE
HB
HB
HB
HB
JC
JC
JC
JC
JC
KC
KC
KC
KC
0.18 µF
184
J
K
M
LD
GB
GB
GB
GF
GG
HB
HB
HB
HB
JC
JC
JC
JC
JC
KC
KC
KC
KC
0.22 µF
224
J
K
M
GB
GB
GB
GG
GG
HB
HB
HB
HB
JC
JC
JC
JC
JC
KC
KC
KC
KC
0.27 µF
274
J
K
M
GB
GB
GG
GG
GG
HB
HB
HB
HB
JC
JC
JC
JC
JC
KB
KC
KC
KC
0.33 µF
334
J
K
M
GB
GB
GG
GG
GG
HB
HB
HB
HB
JC
JC
JC
JC
JC
KB
KC
KC
KC
0.39 µF
394
J
K
M
GB
GB
GG
GG
GG
HB
HB
HD
HD
JC
JC
JC
JC
JC
KB
KC
KC
KC
0.47 µF
474
J
K
M
GB
GB
GG
GJ
GJ
HB
HB
HD
HD
JC
JC
JC
JC
JC
KB
KC
KD
KD
0.56 µF
564
J
K
M
GC
GC
GG
HB
HD
HD
HD
JC
JC
JC
JD
JD
KB
KC
KD
KD
0.68 µF
684
J
K
M
GC
GC
GG
HB
HD
HD
HD
JC
JC
JD
JD
JD
KB
KC
KD
KD
0.82 µF
824
J
K
M
GE
GE
GG
HB
HF
HF
HF
JC
JC
JF
JF
JF
KB
KC
KE
KE
1.0 µF
105
J
K
M
GE
GE
GG
HB
HF
HF
HF
JC
JC
JF
JF
JF
KB
KD
KE
KE
1.2 µF
125
J
K
M
HB
JC
JC
KB
KE
KE
KE
Cap
Cap
Code
Rated Voltage
(VDC)
Voltage Code
5
1
2
A
3
5
1
2
A
5
1
2
A
3
5
1
2
A
5
1
2
A
Case Size/
Series
C1808X
C1812X
C1825X
C2220X
C2225X
Cap Cap
Code
Case Size/
Series
C0603X
C0805X
C1206X
C1210X
Voltage Code
9
8
4
3
5
1
2
9
8
4
3
5
1
2
A
9
8
4
3
5
1
2
A
9
8
4
3
5
1
2
A
Rated Voltage
(VDC)
Cap Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
6.8 µF
685
J
K
M
EH EH EH
FZ FZ FZ FM
8.2 µF
825
J
K
M
EH EH EH
FU FU FU FK
10 µF
106
J
K
M
EH EH EH
FU FU FU FS
12 µF
126
J
K
M
15 µF
156
J
K
M
18 µF
186
J
K
M
22 µF
226
J
K
M
FS FS
Cap
Cap
Code
Rated Voltage
(VDC)
Voltage Code
9
8
4
3
5
1
2
9
8
4
3
5
1
2
A
9
8
4
3
5
1
2
A
9
8
4
3
5
1
2
A
Case Size/
Series
C0603X
C0805X
C1206X
C1210X


Similar Part No. - C0805X106M3RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X106M3RAC3316 KEMET-C0805X106M3RAC3316 Datasheet
185Kb / 7P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3-100 VDC, VW 80808 Specification
C0805X106M3RAC3317 KEMET-C0805X106M3RAC3317 Datasheet
185Kb / 7P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3-100 VDC, VW 80808 Specification
C0805X106M3RACAUTO KEMET-C0805X106M3RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C0805X106M3RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU Datasheet
1Mb / 22P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU_17 Datasheet
1Mb / 21P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C1206X106K4RAC3316 KEMET-C1206X106K4RAC3316 Datasheet
185Kb / 7P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3-100 VDC, VW 80808 Specification
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com