Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603X563M2GACTU Datasheet(PDF) 7 Page - Kemet Corporation

Part # C0603X563M2GACTU
Description  Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X563M2GACTU Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C0603X563M2GACTU Datasheet HTML 3Page - Kemet Corporation C0603X563M2GACTU Datasheet HTML 4Page - Kemet Corporation C0603X563M2GACTU Datasheet HTML 5Page - Kemet Corporation C0603X563M2GACTU Datasheet HTML 6Page - Kemet Corporation C0603X563M2GACTU Datasheet HTML 7Page - Kemet Corporation C0603X563M2GACTU Datasheet HTML 8Page - Kemet Corporation C0603X563M2GACTU Datasheet HTML 9Page - Kemet Corporation C0603X563M2GACTU Datasheet HTML 10Page - Kemet Corporation C0603X563M2GACTU Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1062_C0G_FT-CAP_SMD • 5/23/2016
7
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), C0G Dielectric, 10 – 250 VDC (Commercial & Automotive Grade)
Table 1B – Capacitance Range/Selection Waterfall (1210 – 2225 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91)
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.
Capacitance
Cap
Code
Case Size/Series
C1210X
C1812X
C1825X
C2220X
C2225X
Voltage Code
8
4
3
5
1
2
A
5
1
2
A
5
1
2
A
5
1
2
A
5
1
2
A
Rated Voltage (VDC)
Capacitance Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1.0 - 9.1 pF*
109 - 919*
B C D
FN FN FN FN FN FN FN
10 - 91 pF*
100 - 910*
F G J K M FN FN FN FN FN FN FN
100 - 430 pF*
101 - 431*
F G J K M FN FN FN FN FN FN FN
470 - 910 pF*
471 - 911*
F G J K M FN FN FN FN FN FN FN GB GB GB GB
1,000 pF
102
F G J K M FN FN FN FN FN FN FN GB GB GB GB
1,100 pF
112
F G J K M FN FN FN FN FN FN FN GB GB GB GB
1,200 pF
122
F G J K M FN FN FN FN FN FN FN GB GB GB GB
1,300 pF
132
F G J K M FN FN FN FN FN FQ FQ GB GB GB GB
1,500 pF
152
F G J K M FN FN FN FN FN FE FE GB GB GB GB
1,600 pF
162
F G J K M FN FN FN FN FN FE FE GB GB GB GB
1,800 pF
182
F G J K M FN FN FN FN FN FE FE GB GB GB GB
2,000 pF
202
F G J K M FN FN FN FN FQ FE FE GB GB GB GB
2,200 pF
222
F G J K M FN FN FN FN FQ FZ FZ GB GB GB GB
2,400 pF
242
F G J K M FN FN FN FN FQ FQ FQ
2,700 pF
272
F G J K M FN FN FN FN FQ FQ FQ GB GB GB GB
3,000 pF
302
F G J K M FN FN FN FN FQ FA FA
3,300 pF
332
F G J K M FN FN FN FN FA FA FA GB GB GB GB
3,600 pF
362
F G J K M FN FN FN FN FA FA FA
3,900 pF
392
F G J K M FN FN FN FN FA FA FA GB GB GB GB HB HB HB HB
4,300 pF
432
F G J K M FN FN FN FN FA FA FA
4,700 pF
472
F G J K M FA FA FA FA FZ FZ FZ GB GB GD GD HB HB HB HB
KE KE KE KE
5,100 pF
512
F G J K M FN FN FN FN FZ FZ FZ
KE KE KE KE
5,600 pF
562
F G J K M FN FN FN FN FZ FZ FZ GB GB GH GH HB HB HB HB
KE KE KE KE
6,200 pF
622
F G J K M FN FN FN FN FZ FN FN
KE KE KE KE
6,800 pF
682
F G J K M FN FN FN FN FZ FN FN GB GB GJ GJ HB HB HB HB JE JE JB
KE KE KE KE
7,500 pF
752
F G J K M FQ FQ FQ FQ FQ FN FN
KE KE KE KE
8,200 pF
822
F G J K M FQ FQ FQ FQ FQ FN FN GB GH GB GB HB HB HB HB JE JE JB
KE KE KE KE
9,100 pF
912
F G J K M FE FE FE FE FE FN FN
KE KE KE KE
10,000 pF
103
F G J K M FA FA FA FA FA FN FN GB GH GB GB HB HB HE HE JE JE JB
KE KE KE KE
12,000 pF
123
F G J K M FZ FZ FZ FZ FN FN FN GB GG GB GB HB HB HE HE JE JE JB
KE KE KE KE
15,000 pF
153
F G J K M FZ FZ FZ FZ FN FQ FQ GB GB GB GB HB HB
JE JE JB
KE KE KE KE
18,000 pF
183
F G J K M FN FN FN FN FN FQ FQ GB GB GB GB HB HE
JE JE JB
KE KE
22,000 pF
223
F G J K M FN FN FN FN FN FA FA GB GB GB GB HB HE
JE JB JB
KE KE
27,000 pF
273
F G J K M FN FN FN FN FN FZ FZ GB GB GB GB HB HG
JE JB JB
KE KE
33,000 pF
333
F G J K M FN FN FN FN FN FU FU GB GB GB GB
JB JB JB
KE
39,000 pF
393
F G J K M FN FN FN FN FE FU FU GB GB GB GB
JB JB JB
47,000 pF
473
F G J K M FN FN FN FN FE FJ FJ GB GB GD GD
JB JB JB
56,000 pF
563
F G J K M FN FN FN FN FA
GB GB GD GD
JB JB JB
68,000 pF
683
F G J K M FN FN FN FQ FZ
GB GB GK GK
JB JB JB
82,000 pF
823
F G J K M FQ FQ FQ FA FU
GB GB GM GM
JB JB JB
0.10 µF
104
F G J K M FE FE FE FZ FM
GB GD GM GM
JB JB JD
0.12 µF
124
F G J K M FZ FZ FZ FU
GB GH
JB JB JD
0.15 µF
154
F G J K M FU FU FU FM
GD GN
JB JB JG
0.18 µF
184
F G J K M FJ FJ FJ
GH
JB JD JG
0.22 µF
224
F G J K M FK FK FK
GK
JB JD
0.27 µF
274
F G J K M
JB JF
0.33 µF
334
F G J K M
JD JG
0.39 µF
394
F G J K M
JG
0.47 µF
474
F G J K M
JG
Capacitance
Cap
Code
Rated Voltage (VDC)
Voltage Code
8
4
3
5
1
2
A
5
1
2
A
5
1
2
A
5
1
2
5
1
2
A
Case Size/Series
C1210X
C1812X
C1825X
C2220X
C2225X


Similar Part No. - C0603X563M2GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X563M2GACTU KEMET-C0603X563M2GACTU Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results

Similar Description - C0603X563M2GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1206X104J3JACTU KEMET-C1206X104J3JACTU Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C2225X393JCGACTU KEMET-C2225X393JCGACTU Datasheet
832Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO Datasheet
1Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com