Electronic Components Datasheet Search |
|
C0805X563KAGACTU Datasheet(PDF) 5 Page - Kemet Corporation |
|
C0805X563KAGACTU Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 21 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1062_C0G_FT-CAP_SMD • 5/23/2016 5 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) Flexible Termination System (FT-CAP), C0G Dielectric, 10 – 250 VDC (Commercial & Automotive Grade) Electrical Parameters/Characteristics Item Parameters/Characteristics Operating Temperature Range −55°C to +125°C Capacitance Change with Reference to +25°C and 0 VDC Applied (TCC) ±30 ppm/ºC Aging Rate (Maximum % Capacitance Loss/Decade Hour) 0% 1 Dielectric Withstanding Voltage (DWV) 250% of rated voltage (5 ±1 seconds and charge/discharge not exceeding 50 mA) 2 Dissipation Factor (DF) Maximum Limit at 25ºC 0.1% 3 Insulation Resistance (IR) Limit at 25°C 1,000 megohm microfarads or 100 GΩ (Rated voltage applied for 120 ±5 seconds at 25°C) 1 DWV is the voltage a capacitor can withstand (survive) for a short period of time. It exceeds the nominal and continuous working voltage of the capacitor. 2 Capacitance and dissipation factor (DF) measured under the following conditions: 1 MHz ±100 kHz and 1.0 Vrms ±0.2 V if capacitance ≤ 1,000 pF 1 kHz ±50 Hz and 1.0 Vrms ±0.2 V if capacitance > 1,000 pF 3 To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits. Capacitance and Dissipation Factor (DF) measured under the following conditions: Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known as Automatic Level Control (ALC). The ALC feature should be switched to "ON." Post Environmental Limits High Temperature Life, Biased Humidity, Moisture Resistance Dielectric Rated DC Voltage Capacitance Value Dissipation Factor (Maximum %) Capacitance Shift Insulation Resistance C0G All All 0.5 0.3% or ±0.25 pF 10% of Initial Limit |
Similar Part No. - C0805X563KAGACTU |
|
Similar Description - C0805X563KAGACTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |