Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCU Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCU
Description  HCMOS family characteristics
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCU Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCU Datasheet HTML 1Page - NXP Semiconductors 74HCU Datasheet HTML 2Page - NXP Semiconductors 74HCU Datasheet HTML 3Page - NXP Semiconductors 74HCU Datasheet HTML 4Page - NXP Semiconductors 74HCU Datasheet HTML 5Page - NXP Semiconductors 74HCU Datasheet HTML 6Page - NXP Semiconductors 74HCU Datasheet HTML 7Page - NXP Semiconductors 74HCU Datasheet HTML 8Page - NXP Semiconductors 74HCU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
March 1988
3
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS FOR 74HCU
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Voltages are referenced to GND (ground = 0 V)
Note
1. For analog switches, e.g. “4016”, “4051 series”, “4351 series”, “4066” and “4067”, the specified maximum operating
supply voltage is 11 V.
SYMBOL
PARAMETER
74HCU
UNIT CONDITIONS
min. typ. max.
VCC
DC supply voltage
2.0
5.0
6.0
V
VI
DC input voltage range
0
VCC
V
VO
DC output voltage range
0
VCC
V
Tamb
operating ambient temperature range
−40
+85
°C
see DC and AC
CHAR. per device
Tamb
operating ambient temperature range
−40
+125 °C
SYMBOL
PARAMETER
MIN.
MAX.
UNIT CONDITIONS
VCC
DC supply voltage
−0.5 +7V
±I
IK
DC input diode current
20
mA
for VI <−0.5 or VI > VCC + 0.5 V
±I
OK
DC output diode current
20
mA
for VO <−0.5 or VO > VCC + 0.5 V
±IO
DC output source or sink
current
for
−0.5 V < VO < VCC + 0.5 V
standard outputs
25
mA
bus driver outputs
35
mA
±I
CC;
±IGND
DC VCC or GND current for
types with:
standard outputs
50
mA
bus driver outputs
70
mA
Tstg
storage temperature range
−65
+150
°C
Ptot
power dissipation per package
for temperature range:
−40 to +125 °C
74HC/HCT/HCU
plastic DIL
750
mW
above
+70 °C: derate linearly with 12 mW/K
plastic mini-pack (SO)
500
mW
above
+70 °C: derate linearly with 8 mW/K


Similar Part No. - 74HCU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCU04 PHILIPS-74HCU04 Datasheet
64Kb / 7P
   Hex inverter
September 1993
logo
ON Semiconductor
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
   Hex Unbuffered Inverter
March, 2007 ??Rev. 0
logo
Diodes Incorporated
74HCU04 DIODES-74HCU04 Datasheet
229Kb / 9P
   UNBUFFERED HEX INVERTERS
logo
Nexperia B.V. All right...
74HCU04 NEXPERIA-74HCU04 Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
More results

Similar Description - 74HCU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-90 FAIRCHILD-AN-90 Datasheet
209Kb / 7P
   74C Family Characteristics
LVDS FAIRCHILD-LVDS Datasheet
212Kb / 2P
   LVDS Description and Family Characteristics
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950_15 Datasheet
271Kb / 2P
   HCMOS
C33XX CRYSTEKCRYSTAL-C33XX_15 Datasheet
66Kb / 2P
   HCMOS
CCHD-575 CRYSTEKCRYSTAL-CCHD-575_15 Datasheet
315Kb / 3P
   HCMOS
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
logo
MMD Components
MVUH2 MMD-MVUH2 Datasheet
109Kb / 2P
   HCMOS Output
logo
Oscilent Corporation
550-12.0M3DN-TP1 OSCILENT-550-12.0M3DN-TP1 Datasheet
132Kb / 2P
   HCMOS / TTL
550 OSCILENT-550 Datasheet
132Kb / 2P
   HCMOS / TTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com