Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HO-NP-2212 Datasheet(PDF) 11 Page - LEM

Part # HO-NP-2212
Description  Current Transducer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO-NP-2212 Datasheet(HTML) 11 Page - LEM

Back Button HO-NP-2212 Datasheet HTML 4Page - LEM HO-NP-2212 Datasheet HTML 5Page - LEM HO-NP-2212 Datasheet HTML 6Page - LEM HO-NP-2212 Datasheet HTML 7Page - LEM HO-NP-2212 Datasheet HTML 8Page - LEM HO-NP-2212 Datasheet HTML 9Page - LEM HO-NP-2212 Datasheet HTML 10Page - LEM HO-NP-2212 Datasheet HTML 11Page - LEM HO-NP-2212 Datasheet HTML 12Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Page 11/12
25July2014/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO 40 .. 150-NP series
PCB Footprint in mm. general tolerance ±0.3 mm)
(Layout example with 4 jumpers in //
Assembly on PCB
• Recommended PCB hole diameter
2.15 mm for primary pin
0.9 mm for secondary pin
• Maximum PCB thickness
2.4 mm
• Wave soldering profile
maximum 260 °C, 10 s
No clean process only
Insulation distance (nominal values):
Safety
This transducer must be used in limited-energy secondary circuits according to IEC 61010-1.
This transducer must be used in electric/electronic equipment with respect to applicable standards and safety requirements in
accordance with the manufacturer’s operating instructions.
Caution, risk of electrical shock.
When operating the transducer, certain parts of the module can carry hazardous voltage (e.g. primary bus bar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a build-in device, whose conducting parts must be inaccessible after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
d
Cp
d
CI
On PCB: A - B
11.65 mm
-
Between jumper and secondary terminal
13.08 mm
13.65 mm
Between core and PCBA
13.56 mm
-


Similar Part No. - HO-NP-2212

ManufacturerPart #DatasheetDescription
logo
LEM
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
More results

Similar Description - HO-NP-2212

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com