Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP87L40RJ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L40RJ
Description  8-Bit CMOS OTP Microcontrollers with 4k or 32k Memory and Comparator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L40RJ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP87L40RJ Datasheet HTML 1Page - National Semiconductor (TI) COP87L40RJ Datasheet HTML 2Page - National Semiconductor (TI) COP87L40RJ Datasheet HTML 3Page - National Semiconductor (TI) COP87L40RJ Datasheet HTML 4Page - National Semiconductor (TI) COP87L40RJ Datasheet HTML 5Page - National Semiconductor (TI) COP87L40RJ Datasheet HTML 6Page - National Semiconductor (TI) COP87L40RJ Datasheet HTML 7Page - National Semiconductor (TI) COP87L40RJ Datasheet HTML 8Page - National Semiconductor (TI) COP87L40RJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Block Diagram
Connection Diagrams
Note: -1 Crystal Oscillator
N - Brown out disabled
-2 External Oscillator
-3 R/C Oscillator
DS012529-1
FIGURE 1. Block Diagram
DS012529-2
Top View
Order Number
COP87L20CJN (-1N, -2N, -3N), or
COP87L20CJM(-1N, -2N, -3N), or
COP87L40CJN (-1N, -2N, -3N), or
COP87L40CJM (-1N, -2N, -3N), or
COP87L40RJN (-1N, -2N, -3N), or
COP87L40RJM (-1N, -2N, -3N)
See NS Package Number N28B or M28B
DS012529-3
Top View
Order Number
COP87L22CJN (-1N, -2N, -3N), or
COP87L22CJM(-1N, -2N, -3N), or
COP87L42CJN (-1N, -2N, -3N), or
COP87L42CJM (-1N, -2N, -3N), or
COP87L42RJN (-1N, -2N, -3N), or
COP87L42RJM (-1N, -2N, -3N)
See NS Package Number N20A or M20B
FIGURE 2. Connection Diagrams
www.national.com
2


Similar Part No. - COP87L40RJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L20CJM-1N NSC-COP87L20CJM-1N Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
COP87L20CJM-1N NSC-COP87L20CJM-1N Datasheet
425Kb / 32P
   8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
COP87L20CJM-2N NSC-COP87L20CJM-2N Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
COP87L20CJM-2N NSC-COP87L20CJM-2N Datasheet
425Kb / 32P
   8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
COP87L20CJM-3N NSC-COP87L20CJM-3N Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
More results

Similar Description - COP87L40RJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88EK NSC-COP87L88EK Datasheet
515Kb / 41P
   8-Bit CMOS OTP Microcontrollers with 8k or 32k Memory, Comparator, and Single-slope A/D Capability
COP87L88GD NSC-COP87L88GD Datasheet
422Kb / 39P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory and 8-Channel A/D with Prescaler
COP87L88EB NSC-COP87L88EB Datasheet
814Kb / 72P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory, CAN Interface, 8-Bit A/D, and USART
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
logo
National Semiconductor ...
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com