Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT2305-1HDCG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT2305-1HDCG
Description  3.3V ZERO DELAY CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2305-1HDCG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT2305-1HDCG Datasheet HTML 1Page - Integrated Device Technology IDT2305-1HDCG Datasheet HTML 2Page - Integrated Device Technology IDT2305-1HDCG Datasheet HTML 3Page - Integrated Device Technology IDT2305-1HDCG Datasheet HTML 4Page - Integrated Device Technology IDT2305-1HDCG Datasheet HTML 5Page - Integrated Device Technology IDT2305-1HDCG Datasheet HTML 6Page - Integrated Device Technology IDT2305-1HDCG Datasheet HTML 7Page - Integrated Device Technology IDT2305-1HDCG Datasheet HTML 8Page - Integrated Device Technology IDT2305-1HDCG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305
3.3VZERODELAYCLOCKBUFFER
SWITCHING CHARACTERISTICS (2305-1H) - INDUSTRIAL
(1,2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
t1
Output Frequency
10pF Load
10
133
MHz
30pF Load
10
100
Duty Cycle = t2
÷ t1
Measured at 1.4V, FOUT = 66.66MHz
40
50
60
%
Duty Cycle = t2
÷ t1
Measured at 1.4V, FOUT <50MHz
45
50
55
%
t3
Rise Time
Measured between 0.8V and 2V
1.5
ns
t4
Fall Time
Measured between 0.8V and 2V
1.5
ns
t5
Output to Output Skew
All outputs equally loaded
250
ps
t6
Delay, REF Rising Edge to CLKOUT Rising Edge
Measured at VDD/2
0
±350
ps
t7
Device-to-Device Skew
Measured at VDD/2 on the CLKOUT pins of devices
0
700
ps
t8
Output Slew Rate
Measured between 0.8V and 2V using Test Circuit #2
1
V/ns
tJ
Cycle-to-Cycle Jitter, pk - pk
Measured at 66.66MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time
Stable power supply, valid clock presented on REF pin
1
ms
NOTES:
1. REF Input has a threshold voltage of VDD/2.
2. All parameters specified with loaded outputs.
SWITCHING CHARACTERISTICS (2305-1) - INDUSTRIAL
(1,2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
t1
Output Frequency
10pF Load
10
133
MHz
30pF Load
10
100
Duty Cycle = t2
÷ t1
Measured at 1.4V, FOUT = 66.66MHz
40
50
60
%
t3
Rise Time
Measured between 0.8V and 2V
2.5
ns
t4
Fall Time
Measured between 0.8V and 2V
2.5
ns
t5
Output to Output Skew
All outputs equally loaded
250
ps
t6
Delay, REF Rising Edge to CLKOUT Rising Edge
Measured at VDD/2
0
±350
ps
t7
Device-to-Device Skew
Measured at VDD/2 on the CLKOUT pins of devices
0
700
ps
tJ
Cycle-to-Cycle Jitter, pk - pk
Measured at 66.66MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time
Stable power supply, valid clock presented on REF pin
1
ms
NOTES:
1. REF Input has a threshold voltage of VDD/2.
2. All parameters specified with loaded outputs.


Similar Part No. - IDT2305-1HDCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2305-1HDCG IDT-IDT2305-1HDCG Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305-1HDCGI IDT-IDT2305-1HDCGI Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
More results

Similar Description - IDT2305-1HDCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com