Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HO-NP-1107 Datasheet(PDF) 10 Page - LEM

Part # HO-NP-1107
Description  Current Transducer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO-NP-1107 Datasheet(HTML) 10 Page - LEM

Back Button HO-NP-1107 Datasheet HTML 4Page - LEM HO-NP-1107 Datasheet HTML 5Page - LEM HO-NP-1107 Datasheet HTML 6Page - LEM HO-NP-1107 Datasheet HTML 7Page - LEM HO-NP-1107 Datasheet HTML 8Page - LEM HO-NP-1107 Datasheet HTML 9Page - LEM HO-NP-1107 Datasheet HTML 10Page - LEM HO-NP-1107 Datasheet HTML 11Page - LEM HO-NP-1107 Datasheet HTML 12Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Page 10/12
25July2014/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO 40 .. 150-NP series
Application information
Possibilities between range selection and number of turns 1) 2)
Connection diagram
Notes: 1) The standard configuration is with all jumpers in // (1 primary turn) which is the only one calibrated and guaranteed by LEM.
The sensitivity may change slightly for all other configurations, therefore, LEM advises the user to characterize any specific
configuration.
2)
The maximum magnetic offset referred to primary is inversely proportional to the number of turns, thus is divided by 2 with 2 turns
and by 4 with 4 turns.
Definition of typical, minimum and maximum values
Minimum and maximum values for specified limiting and safety conditions have to be understood as such as well as values
shown in “typical” graphs.
On the other hand, measured values are part of a statistical distribution that can be specified by an interval with upper and lower
limits and a probability for measured values to lie within this interval.
Unless otherwise stated (e.g. “100 % tested”), the LEM definition for such intervals designated with “min” and “max” is that the
probability for values of samples to lie in this interval is 99.73 %.
For a normal (Gaussian) distribution, this corresponds to an interval between -3 sigma and +3 sigma. If “typical” values are not
obviously mean or average values, those values are defined to delimit intervals with a probability of 68.27 %, corresponding to
an interval between -sigma and +sigma for a normal distribution.
Typical, maximal and minimal values are determined during the initial characterization of a product.
Remark
Installation of the transducer must be done unless otherwise specified on the datasheet, according to LEM Transducer Generic
Mounting Rules. Please refer to LEM document N°ANE120504 available on our Web site:
Products/Product Documentation.
Number of
primary turns
Primary resistance
current rms
R
P (mΩ) @ TA = 25 °C
Recommended connections
1
0.09
10
11
12
13
9
8
7
6
2
0.36
10
11
12
13
9
8
7
6
4
1.45
10
11
12
13
9
8
7
6
Number of primary turns
Primary current
I
PN = 40 A
I
PN = 60 A
I
PN = 120 A
I
PN = 150 A
1
40 A
60 A
120 A
150 A
2
20 A
30 A
60 A
75 A
4
10 A
15 A
30 A
37.5 A


Similar Part No. - HO-NP-1107

ManufacturerPart #DatasheetDescription
logo
LEM
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
More results

Similar Description - HO-NP-1107

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com