Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS70328TS-8T Datasheet(PDF) 3 Page - GSI Technology

Part # GS70328TS-8T
Description  32K x 8 256Kb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS70328TS-8T Datasheet(HTML) 3 Page - GSI Technology

  GS70328TS-8T Datasheet HTML 1Page - GSI Technology GS70328TS-8T Datasheet HTML 2Page - GSI Technology GS70328TS-8T Datasheet HTML 3Page - GSI Technology GS70328TS-8T Datasheet HTML 4Page - GSI Technology GS70328TS-8T Datasheet HTML 5Page - GSI Technology GS70328TS-8T Datasheet HTML 6Page - GSI Technology GS70328TS-8T Datasheet HTML 7Page - GSI Technology GS70328TS-8T Datasheet HTML 8Page - GSI Technology GS70328TS-8T Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GS70328SJ/TS
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.11 11/2004
3/11
© 1999, GSI Technology
Notes:
1. Input overshoot voltage should be less than VDD +2 V and not exceed 20 ns.
2. Input undershoot voltage should be greater than –2 V and not exceed 20 ns.
Notes:
1. Tested at TA = 25°C, f = 1 MHz
2. These parameters are sampled and are not 100% tested.
Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Supply Voltage for -7/8/10/12
VDD
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
VDD + 0.3
V
Input Low Voltage
VIL
–0.3
0.8
V
Ambient Temperature,
Commercial Range
TAc
0—
70
oC
Ambient Temperature,
Industrial Range
TAI
–40
85
oC
Capacitance
Parameter
Symbol
Test Condition
Maximum
Unit
Input Capacitance
CIN
VIN = 0 V
5pF
Output Capacitance
COUT
VOUT = 0 V
7pF
DC I/O Pin Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage Current
IIL
VIN = 0 to VDD
–1uA
1uA
Output Leakage Current
ILO
Output High Z
VOUT = 0 to VDD
–1uA
1uA
Output High Voltage
VOH
IOH = –4 mA
2.4 V
Output Low Voltage
VOL
ILO = +4 mA
0.4 V


Similar Part No. - GS70328TS-8T

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS7032 GENNUM-GS7032 Datasheet
184Kb / 9P
   Digital Video Serializer
GS7032-CVM GENNUM-GS7032-CVM Datasheet
184Kb / 9P
   Digital Video Serializer
GS7032-CVME3 GENNUM-GS7032-CVME3 Datasheet
184Kb / 9P
   Digital Video Serializer
More results

Similar Description - GS70328TS-8T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AF031A STMICROELECTRONICS-M68AF031A Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
logo
Austin Semiconductor
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com