Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HO15-NP-SP1117 Datasheet(PDF) 3 Page - LEM

Part # HO15-NP-SP1117
Description  Current Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO15-NP-SP1117 Datasheet(HTML) 3 Page - LEM

  HO15-NP-SP1117 Datasheet HTML 1Page - LEM HO15-NP-SP1117 Datasheet HTML 2Page - LEM HO15-NP-SP1117 Datasheet HTML 3Page - LEM HO15-NP-SP1117 Datasheet HTML 4Page - LEM HO15-NP-SP1117 Datasheet HTML 5Page - LEM HO15-NP-SP1117 Datasheet HTML 6Page - LEM HO15-NP-SP1117 Datasheet HTML 7Page - LEM HO15-NP-SP1117 Datasheet HTML 8Page - LEM HO15-NP-SP1117 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Page 3/16
18February2014/Version 3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-NP-0000 SERIES
Insulation coordination
Parameter
Symbol
Unit
Value
Comment
Rms voltage for AC isolation test 50/60Hz/1 min
U
d
kV
4.3
Impulse withstand voltage 1.2/50 µs
Û
W
kV
8
Partial discharge extinction rms voltage @ 10 pC
U
e
V
1650
Clearance (pri. - sec.)
d
CI
mm
8
Shortest distance through air
Creepage distance (pri. - sec.)
d
Cp
mm
8
Shortest path along device
body
Case material
V0 according
to UL 94
Comparative tracking index
CTI
V
600
Application example
-
-
600 V
CAT III PD2
Reinforced insulation, non
uniform field according to
EN 50178
Application example
-
-
300 V
CAT III PD2
Reinforced insulation, non
uniform field according to
IEC 61010
Application example
-
-
1000 V
CAT III PD2
Simple insulation, non uniform
field according to
EN 50178, IEC 61010
Environmental and mechanical characteristics
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Ambient operating temperature
T
A
°C
-40
105
Ambient storage temperature
T
S
°C
-40
105
Surrounding temperature according to UL 508
°C
105
Mass
m
g
5


Similar Part No. - HO15-NP-SP1117

ManufacturerPart #DatasheetDescription
logo
LEM
HO15-NP-SP1117 LEM-HO15-NP-SP1117 Datasheet
2Mb / 15P
   Current Transducer
More results

Similar Description - HO15-NP-SP1117

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com