Electronic Components Datasheet Search |
|
HO15-NSM-SP311B Datasheet(PDF) 5 Page - LEM |
|
HO15-NSM-SP311B Datasheet(HTML) 5 Page - LEM |
5 / 16 page Page 5/16 18February2014/Version 3 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice www.lem.com HO-NSM-0000 SERIES Electrical data I PN = 15 A At T A = 25°C, UC = + 5 V, NP = 1 turn, RL = 10 KΩ unless otherwise noted (see Min, Max, typ. definition paragraph in page 12). Parameter Symbol Unit Min Typ Max Comment Primary nominal rms current I PN A 15 Primary current, measuring range I PM A -37.5 37.5 Number of primary turns N P 1,2,3 Supply voltage U C V 4.5 5 5.5 Current consumption I C mA 19 25 Reference voltage V ref V 2.475 2.5 2.525 Internal reference External reference voltage V ref V 0.5 2.65 Output voltage range @ I PM V out - Vref V -2 2 Output voltage @ I P = 0 A V out V V ref + VOE Electrical offset voltage V OE mV -5 5 Temperature coefficient of V ref TCV ref ppm/K ±160 -20 °C .. 85 °C Internal reference ±190 -40 °C .. 105 °C Internal reference Temperature coefficient of V OE TCV OE mV/K ±0.075 Theoretical sensitivity G th mV/A 53.33 800 mV/ I PN, @ UC = 5 V Sensitivity error ε G % of I PN ±0.5 Factory adjustment Temperature coefficient of G TCG ppm/K ±200 Linearity error 0 .. I PN ε L % of I PN ±0.5 @ U C = 5 V Linearity error 0 .. I PM ε L % of I PM ±0.8 @ U C = 5 V Gain error with respect to U C ± 10 % %/% ±0.05 Gain error per U C drift Magnetic offset voltage @ I P = 0 after 2.5 x IPN V OM mV ±5 Reaction time @ 10 % of I PN t ra µs 2 di/dt = I PN/µs Response time @ 90 % of I PN t r µs 3.5 di/dt = I PN/µs Frequency bandwidth (- 3 dB) BW kHz 250 Output rms voltage noise (spectral density) (DC .. 100 MHz) e no µV/√Hz 17.5 Output voltage noise (DC .. 20 MHz) V no mVpp 50 Standby pin “0” level V 0.3 Standby pin “1” level V U C -0.3 Time to switch from standby to normal mode µs 20 Over-current detect V 2.6 x I PN 2.9 x I PN 3.2 x I PN peak value Accuracy @ I PN X % of I PN ±1 = ε G + εL Accuracy @ I PN @ TA = + 85 °C X % of I PN ±2.8 See formula note 1) Accuracy @ I PN @ TA = + 105 °C X % of I PN ±3.4 See formula note 1) Note: 1) Accuracy @ I P and XTA = ± [X + (TCG/10000) · (TA - 25) + TCVOE · 100 · (TA -25) / (Gth · IP)]. |
Similar Part No. - HO15-NSM-SP311B |
|
Similar Description - HO15-NSM-SP311B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |