Electronic Components Datasheet Search |
|
HO15-NP-SP111D Datasheet(PDF) 3 Page - LEM |
|
HO15-NP-SP111D Datasheet(HTML) 3 Page - LEM |
3 / 16 page Page 3/16 18February2014/Version 3 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice www.lem.com HO-NP-0000 SERIES Insulation coordination Parameter Symbol Unit Value Comment Rms voltage for AC isolation test 50/60Hz/1 min U d kV 4.3 Impulse withstand voltage 1.2/50 µs Û W kV 8 Partial discharge extinction rms voltage @ 10 pC U e V 1650 Clearance (pri. - sec.) d CI mm 8 Shortest distance through air Creepage distance (pri. - sec.) d Cp mm 8 Shortest path along device body Case material V0 according to UL 94 Comparative tracking index CTI V 600 Application example - - 600 V CAT III PD2 Reinforced insulation, non uniform field according to EN 50178 Application example - - 300 V CAT III PD2 Reinforced insulation, non uniform field according to IEC 61010 Application example - - 1000 V CAT III PD2 Simple insulation, non uniform field according to EN 50178, IEC 61010 Environmental and mechanical characteristics Parameter Symbol Unit Min Typ Max Comment Ambient operating temperature T A °C -40 105 Ambient storage temperature T S °C -40 105 Surrounding temperature according to UL 508 °C 105 Mass m g 5 |
Similar Part No. - HO15-NP-SP111D |
|
Similar Description - HO15-NP-SP111D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |