Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM181E06 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LM181E06
Description  SPECIFICATION FOR APPROVAL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM181E06 Datasheet(HTML) 4 Page - NXP Semiconductors

  LM181E06 Datasheet HTML 1Page - NXP Semiconductors LM181E06 Datasheet HTML 2Page - NXP Semiconductors LM181E06 Datasheet HTML 3Page - NXP Semiconductors LM181E06 Datasheet HTML 4Page - NXP Semiconductors LM181E06 Datasheet HTML 5Page - NXP Semiconductors LM181E06 Datasheet HTML 6Page - NXP Semiconductors LM181E06 Datasheet HTML 7Page - NXP Semiconductors LM181E06 Datasheet HTML 8Page - NXP Semiconductors LM181E06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Product Specification
4 / 26
LM181E06
Liquid Crystal Display
Ver 0.0
APR.07, 2002
1. General Description
The LM181E06-A4M1 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent
Lamp(CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element.
It is a transmissive type display operating in the normally black mode. This TFT-LCD has a 18.1 inch diagonally
measured active display area with SXGA resolution(1024 vertical by 1280 horizontal pixel array).
Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes.
Gray scale or the brightness of the sub-pixel color is determined with a 8-bit gray scale signal for each dot,
thus, presenting a palette of more than 16,777,216 colors.
The LM181E06-A4M1 has been designed to apply the interface method that enables low power, high speed,low
EMI. FPD Link must be used as a LVDS(Low Voltage Differential Signaling) chip.
The LM181E06-A4M1 is intended to support applications where thin thickness, wide viewing angle, low power are
critical factors and graphic displays are important. In combinat ion with the vertical arrangement of the sub-pixels,
the LM181E06-A4M1 characteristics provide an excellent flat panel display for office automation products such as
monitors.
General Features
CN1
(30pin)
LVDS
pair #1
LVDS
pair #2
Power Circuit
Block
+12V
Vcc
Source Driver Circuit
TFT - LCD Panel
(1280 × RGB × 1024 pixels)
G1
S1
S1280
G1024
Back light Assembly (6CCFL)
CN2,3,4(2pin)
RGB
Timing Controller
& LVDS 1 Chip
Outline Dimension
389.0(H) x 317.2(V) x 27.0(D) mm(Typ.)
Active screen size
18.1 inches (459.74mm) diagonal
Pixel Pitch
0.2805 mm x 0.2805 mm
Pixel Format
1280 horizontal By 1024 vertical Pixels RGB stripe arrangement
Color depth
8-bits, 16,777,216 colors
Luminance, white
250 cd/m2(Typ. Center 1 point)
Power Consumption
Weight
3100g (Typ.)
Display operating mode
Transmissive mode, normally black
Surface treatments
Hard coating (3H), Anti-glare treatment of the front polarizer
CN5,6,7(2pin)
Total 29.52 Watt(Typ.), (4.32Watt @Vcc, 25.2 Watt @250cd/ ? [Lamp=7mA])


Similar Part No. - LM181E06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM181E1 PHILIPS-LM181E1 Datasheet
491Kb / 24P
   18 SXGA TFT LCD
July 5, 2000
LM181E1-H2MN PHILIPS-LM181E1-H2MN Datasheet
491Kb / 24P
   18 SXGA TFT LCD
July 5, 2000
More results

Similar Description - LM181E06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com