Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX40-17CA Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # MAX40-17CA
Description  HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 to 150 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

MAX40-17CA Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  MAX40-17CA Datasheet HTML 1Page - MDE Semiconductor, Inc. MAX40-17CA Datasheet HTML 2Page - MDE Semiconductor, Inc. MAX40-17CA Datasheet HTML 3Page - MDE Semiconductor, Inc. MAX40-17CA Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAX-40
Rating Charactistic Curves
3.0
4.0
150
0
1.0
2.0
tr = 10μsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width(td)is defined
as the point where the
peak current decays to
50% of IPPM
10/1000μsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
4.0
50
Half Value- IPPM
2
100
3.0
0
t - Time(ms)
0
12.5
25
37.5
50
62.5
75
87.5
100
0
25
50
75
100
125
150
175
200
Fig.2 - Pulse Derating Curve
TA - Ambient Temperature (°C)
10000
0.1
10
1
100
1000
1,000
10,000
td PULSE WIDTH 1 µsec
FIG. 1 PEAK PULSE POWER RATING
1
10
100
Non-repetitive pulse
waveform shown in
Fig. 3TA = 25ºC
100,000
5/21/2009


Similar Part No. - MAX40-17CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MAX40-17CA MDE-MAX40-17CA Datasheet
579Kb / 4P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 TO 150 Volts 40000 Watt Peak Pulse Power
More results

Similar Description - MAX40-17CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MAX20TABCELL MDE-MAX20TABCELL Datasheet
88Kb / 3P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 5.0 to 22 Volts
MAX-20 MDE-MAX-20_09 Datasheet
71Kb / 3P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 5.0 to 22 Volts
MAX40-12CA MDE-MAX40-12CA Datasheet
579Kb / 4P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 TO 150 Volts 40000 Watt Peak Pulse Power
MAX20CELL MDE-MAX20CELL Datasheet
71Kb / 3P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 5.0 to 22 Volts
logo
StarHope
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SAC SPSEMI-SAC Datasheet
284Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
SMBJ SPSEMI-SMBJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com