Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP1307 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SMP1307
Description  Very Low Distortion Attenuator Plastic Packaged PIN Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1307 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SMP1307_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1307_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1307_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1307_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1307_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1307_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1307_15 Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1307_15 Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1307_15 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET • SMP1307 SERIES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
May 20, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200045L
Table 4. Resistance vs Temperature @ 100 MHz
IF
(mA)
RS @ –55
°C
(
Ω)
RS @ –15
°C
(
Ω)
RS @ +25
°C
(
Ω)
RS @ +65
°C
(
Ω)
RS @ +100
°C
(
Ω)
0.02
2386
2360
2546
2520
2440
0.10
560
598
632
633
639
0.3
203
219
236
239
242
1.0
66.1
71.2
79.3
83.6
85.4
10
9.1
10.0
10.9
12.2
12.9
20
5.6
6.0
6.6
7.4
7.8
100
2.2
2.4
2.6
3.0
3.2
Typical Performance Characteristics
–50
–40
–30
–20
–10
0
0
0.5
1.0
1.5
2.0
Frequency (GHz)
VCTL = 20 V
VCTL = 15 V
VCTL = 10 V
VCTL = 5 V
VCTL = 0 V
Figure 2. SMP1307-027 Attenuation vs Frequency
400
500
600
700
800
900
1000
0.01
0.1
1
10
100
Forward Voltage (mV)
Figure 4. DC Characteristic
0.01
0.1
1
10
100
Forward Current (mA)
0.1
1
10
100
1000
10000
Figure 3. Series Resistance vs Current @ 100 MHz
0
1
2
5
10
20
100
50
0
0.2
0.4
0.6
0.1
0.3
0.5
0.7
0.8
Reverse Voltage (V)
100 MHz
1 MHz
1 GHz
Figure 5. Capacitance vs Reverse Voltage


Similar Part No. - SMP1307_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1307-001 SKYWORKS-SMP1307-001 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-001LF SKYWORKS-SMP1307-001LF Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-004 SKYWORKS-SMP1307-004 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-004LF SKYWORKS-SMP1307-004LF Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-005 SKYWORKS-SMP1307-005 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
More results

Similar Description - SMP1307_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1345 SKYWORKS-SMP1345_15 Datasheet
910Kb / 8P
   Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
logo
Alpha Industries
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com