Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1715 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1715
Description  4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1715 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1715 Datasheet HTML 7Page - Linear Technology LT1715 Datasheet HTML 8Page - Linear Technology LT1715 Datasheet HTML 9Page - Linear Technology LT1715 Datasheet HTML 10Page - Linear Technology LT1715 Datasheet HTML 11Page - Linear Technology LT1715 Datasheet HTML 12Page - Linear Technology LT1715 Datasheet HTML 13Page - Linear Technology LT1715 Datasheet HTML 14Page - Linear Technology LT1715 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1715
APPLICATIONS INFORMATION
With this in mind, calculation of the resistor values needed
is a two-step process. First, calculate the value of R3 based
on the additional hysteresis desired, the output voltage
swing and the impedance of the primary bias string:
R3 = (R1
R2)(+VS – 0.6V)/(additional hysteresis)
Additional hysteresis is the desired overall hysteresis less
the internal 4mV hysteresis.
The second step is to recalculate R2 to set the same
average threshold as before. The average threshold before
was set at VTH = (VREF)(R1)/(R1 + R2). The new R2 is
calculated based on the average output voltage (+VS/2)
and the simplified circuit model in Figure 7. To assure that
the comparator’s noninverting input is, on average, the
same VTH as before:
R2
′ = (VREF – VTH)/(VTH/R1 + (VTH – VS/2)/R3)
For additional hysteresis of 10mV or less, it is not uncom-
mon for R2
′ to be the same as R2 within 1% resistor
tolerances.
This method will work for additional hysteresis of up to a
few hundred millivolts. Beyond that, the impedance of R3
is low enough to effect the bias string, and adjustment of
R1 may also be required. Note that the currents through the
R1/R2 bias string should be many times the input currents
of the LT1715. For 5% accuracy, the current must be at least
20 times the input current, more for higher accuracy.
Interfacing the LT1715 to ECL
The LT1715’s comparators can be used in high speed
applications where Emitter-Coupled Logic (ECL) is de-
ployed. To interface the output of the LT1715 to ECL logic
inputs, standard TTL/CMOS to ECL level translators such
as the 10H124, 10H424 and 100124 can be used. These
components come at a cost of a few nanoseconds addi-
tional delay as well as supply currents of 50mA or more,
and are only available in quads. A faster, simpler and lower
power translator can be constructed with resistors as
shown in Figure 8.
Figure 8a shows the standard TTL to Positive ECL (PECL)
resistive level translator. This translator cannot be used for
the LT1715, or with CMOS logic, because it depends on the
820
Ωresistortolimittheoutputswing(VOH)oftheall-NPN
TTL gate with its so-called totem-pole output. The LT1715
is fabricated in a complementary bipolar process and the
output stage has a PNP driver that pulls the output nearly
all the way to the supply rail, even when sourcing 10mA.
Figure 8b shows a three resistor level translator for inter-
facing the LT1715 to ECL running off the same supply rail.
No pull-down on the output of the LT1715 is needed, but
pull-down R3 limits the VIH seen by the PECL gate. This is
needed because ECL inputs have both a minimum and
maximum VIH specification for proper operation. Resistor
values are given for both ECL interface types; in both cases
it is assumed that the LT1715 operates from the same
supply rail.
Figure 8c shows the case of translating to PECL from an
LT1715 powered by a 3V supply rail. Again, resistor values
are given for both ECL interface types. This time four re-
sistors are needed, although with 10KH/E, R3 is not needed.
In that case, the circuit resembles the standard TTL trans-
lator of Figure 8a, but the function of the new resistor, R4,
is much different. R4 loads the LT1715 output when high
so that the current flowing through R1 doesn’t forward
bias the LT1715’s internal ESD clamp diode. Although this
diode can handle 20mA without damage, normal
Figure 7. Model for Additional Hysteresis Calculations
Figure 6. Additional External Hysteresis
+
1/2 LT1715
INPUT
1715 F06
R2
VREF
R3
R1
+
1/2 LT1715
1715 F07
R2
VREF
VTH
R3
+VS
2
VAVERAGE =
R1


Similar Part No. - LT1715

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1715 LINER-LT1715 Datasheet
1Mb / 36P
   Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
LT1715 LINER-LT1715 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1715 LINER-LT1715 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1715CMSPBF LINER-LT1715CMSPBF Datasheet
243Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
LT1715CMSTRPBF LINER-LT1715CMSTRPBF Datasheet
243Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
More results

Similar Description - LT1715

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1715 LINER-LT1715_15 Datasheet
255Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
LT1715 LINER-LT1715_1 Datasheet
243Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
logo
Intersil Corporation
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
Intersil Corporation
HA4905 INTERSIL-HA4905 Datasheet
25Kb / 2P
   Window Comparator With Independent Adjustments
April 1998
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
logo
Jingjing Microelectroni...
EG393 EGMICRO-EG393 Datasheet
503Kb / 12P
   Dual independent high precision voltage comparator chip
logo
Connor-Winfield Corpora...
H52DF CONNOR-WINFIELD-H52DF Datasheet
55Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
S52DF CONNOR-WINFIELD-S52DF Datasheet
54Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com