Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1844 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1844
Description  150mA, Micropower, Low Noise, VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 3 Page - Linear Technology

  LTC1844 Datasheet HTML 1Page - Linear Technology LTC1844 Datasheet HTML 2Page - Linear Technology LTC1844 Datasheet HTML 3Page - Linear Technology LTC1844 Datasheet HTML 4Page - Linear Technology LTC1844 Datasheet HTML 5Page - Linear Technology LTC1844 Datasheet HTML 6Page - Linear Technology LTC1844 Datasheet HTML 7Page - Linear Technology LTC1844 Datasheet HTML 8Page - Linear Technology LTC1844 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1844 Series
1844ia
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LTC1844-1.5
VIN = 2.0V to 6.5V, IOUT = 0mA to 150mA
–1.50
1.50
%VOUT
LTC1844-1.5
VIN = 2.2V to 6.5V, IOUT = 0mA to 150mA
q
–2.00
2.00
%VOUT
LTC1844-1.5
VIN = 2.0V to 6.5V, IOUT = 0mA to 150mA
q
–2.50
2.00
%VOUT
LTC1844-BYP
VIN = 1.75V to 6.5V, IOUT = 0mA to 150mA
–1.50
1.50
%VOUT
LTC1844-BYP
VIN = 2.2V to 6.5V, IOUT = 0mA to 150mA
q
–1.75
1.75
%VOUT
LTC1844-BYP
VIN = 1.75V to 6.5V, IOUT = 0mA to 150mA
q
–3.50
1.75
%VOUT
LTC1844-SD
VIN = 1.75V to 6.5V, IOUT = 0mA to 150mA
–1.50
1.50
%VOUT
LTC1844-SD
VIN = 2.2V to 6.5V, IOUT = 0mA to 150mA
q
–1.75
1.75
%VOUT
LTC1844-SD
VIN = 1.75V to 6.5V, IOUT = 0mA to 150mA
q
–3.50
1.75
%VOUT
∆VLNR
Line Regulation (Notes 3, 5)
LTC1844-3.3
VIN = 3.4V to 6.5V, IL = 1mA
q
420
mV
LTC1844-2.8
VIN = 2.9V to 6.5V, IL = 1mA
q
420
mV
LTC1844-2.5
VIN = 2.6V to 6.5V, IL = 1mA
q
420
mV
LTC1844-1.8
VIN = 2.2V to 6.5V, IL = 1mA
q
420
mV
VIN = 1.9V to 6.5V, IL = 1mA
4
20
mV
VIN = 1.9V to 6.5V, IL = 1mA
q
430
mV
LTC1844-1.5
VIN = 2.2V to 6.5V, IL = 1mA
q
420
mV
VIN = 1.6V to 6.5V, IL = 1mA
4
20
mV
VIN = 1.6V to 6.5V, IL = 1mA
q
480
mV
LTC1844-BYP
VIN = 2.2V to 6.5V, IL = 1mA
q
420
mV
VIN = 1.6V to 6.5V, IL = 1mA
4
20
mV
VIN = 1.6V to 6.5V, IL = 1mA
q
480
mV
LTC1844-SD
VIN = 2.2V to 6.5V, IL = 1mA
q
420
mV
VIN = 1.6V to 6.5V, IL = 1mA
4
20
mV
VIN = 1.6V to 6.5V, IL = 1mA
q
480
mV
∆VLDR
Load Regulation (Notes 3, 5)
LTC1844-3.3
VIN = 3.8V, IOUT = 0mA to 150mA
q
920
mV
LTC1844-2.8
VIN = 3.3V, IOUT = 0mA to 150mA
q
920
mV
LTC1844-2.5
VIN = 3.0V, IOUT = 0mA to 150mA
q
920
mV
LTC1844-1.8
VIN = 2.3V, IOUT = 0mA to 150mA
q
920
mV
LTC1844-1.5
VIN = 2.2V, IOUT = 0mA to 150mA
q
920
mV
VIN = 2.0V, IOUT = 0mA to 150mA
q
940
mV
LTC1844-BYP
VIN = 2.2V, IOUT = 0mA to 150mA
q
920
mV
VIN = 1.75V, IOUT = 0mA to 150mA
q
950
mV
LTC1844-SD
VIN = 2.2V, IOUT = 0mA to 150mA
q
920
mV
VIN = 1.75V, IOUT = 0mA to 150mA
q
950
mV
∆VDO
Dropout Voltage (Notes 6, 7)
LTC1844-3.3
IOUT = 50mA
q
30
55
mV
IOUT = 150mA
q
90
150
mV
LTC1844-2.8
IOUT = 50mA
q
35
60
mV
IOUT = 150mA
q
105
165
mV
LTC1844-2.5
IOUT = 50mA
q
45
75
mV
IOUT = 150mA
q
135
200
mV
LTC1844-1.8
IOUT = 50mA
q
85
120
mV
IOUT = 150mA
q
230
300
mV
LTC1844-1.5
IOUT = 50mA
q
115
160
mV
IOUT = 150mA
q
350
450
mV
LTC1844-BYP
IOUT = 50mA
q
45
75
mV
IOUT = 150mA
q
135
200
mV
LTC1844-SD
IOUT = 50mA
q
45
75
mV
IOUT = 150mA
q
135
200
mV
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT + 0.5V, unless otherwise noted. (Note 2)


Similar Part No. - LTC1844

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1844 LINER-LTC1844 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LTC1844 LINER-LTC1844 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LTC1844 LINER-LTC1844 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LTC1844 LINER-LTC1844 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LTC1844 LINER-LTC1844 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
More results

Similar Description - LTC1844

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM1770 UNIONSEMI-UM1770 Datasheet
847Kb / 13P
   500mA, Micropower, VLDO Linear Regulator
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com