Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3720-6 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # M3720-6
Description  1 KEY 1 SOUND
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M3720-6 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  M3720-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers M3720-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers M3720-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1 KEY 1 SOUND
1 键 1 音效 IC
3/3
2004-06-01
SIREN
M3720
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
HORN
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
PAD ASSIGNMENT & POSITION
* CHIP SIZE ~ 1.80 x 1.91 mm
2
* IC substrate should be connected to VDD in PCB (PCB 上 IC 必须接 VDD)
UNIT : um
No. NAME
X
Y
1
VDD
747
754
2
TG
537
754
3
Y
-749
754
4
X
-749
544
5
TEST
-749
334
6
T1
-749
124
7
VSS
-749
-754
8
BB
747
-653
9
BZ
747
-259
10
L2
747
80
11
L1
747
465
X
Y
( 0 , 0 )
1
2
3
4
5
6
7
8
9
10
11


Similar Part No. - M3720-6

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M3720-6 MOSDESIGN-M3720-6 Datasheet
167Kb / 3P
   1 KEY 1 SOUND
2011-04-06
More results

Similar Description - M3720-6

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M3720 MOSDESIGN-M3720 Datasheet
167Kb / 3P
   1 KEY 1 SOUND
2011-04-06
logo
YAMAHA CORPORATION
YMF781 YAMAHA-YMF781 Datasheet
738Kb / 14P
   APL-1 Automobile sound PLayer-1
logo
MOSDESIGN SEMICONDUCTOR...
M84B MOSDESIGN-M84B Datasheet
143Kb / 1P
   PIANO / MANDOLIN 1-KEY-1-NOTE
2012-04-12
logo
List of Unclassifed Man...
M84B ETC-M84B Datasheet
109Kb / 1P
   PIANO / MANDOLIN 1-KEY-1-NOTE
logo
MOSDESIGN SEMICONDUCTOR...
M847 MOSDESIGN-M847 Datasheet
114Kb / 1P
   PIANO / MANDOLIN 1-KEY-1-NOTE WITH 7 LEDS
2001-10-04
logo
Tontek Design Technolog...
TTP233C TONTEK-TTP233C Datasheet
272Kb / 11P
   1 key Touch Pad Detector IC
TTP233C-HA6 TONTEK-TTP233C-HA6 Datasheet
366Kb / 8P
   1 key Touch Pad Detector IC
TTP233D-BA6 TONTEK-TTP233D-BA6 Datasheet
364Kb / 8P
   1 key Touch Pad Detector IC
logo
Shenzhen Huazhimei Semi...
HM223B HMSEMI-HM223B Datasheet
583Kb / 8P
   1 key Touch Pad Detector IC
logo
List of Unclassifed Man...
M948B ETC-M948B Datasheet
140Kb / 3P
   768 NOTES 1 KEY 24 TUNES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com