Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

O8.0-JT33V-A-A-2.5-1.5 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # O8.0-JT33V-A-A-2.5-1.5
Description  OsciOllastcoirl l쨌a (tVoCr )쨌T VCX3O
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O8.0-JT33V-A-A-2.5-1.5 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  O8.0-JT33V-A-A-2.5-1.5 Datasheet HTML 1Page - Jauch Quartz Gmbh O8.0-JT33V-A-A-2.5-1.5 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
frequency stability code
operating
Y
Z
A
B
C
D
temperature code ± 5.0 ppm ± 3.0 ppm ± 2.5 ppm ± 2.0 ppm ± 1.5 ppm ± 1.0 ppm
A: -30 °C ~ +80 °C
OO
O
O
O
O
B: -20 °C ~ +70 °C
OO
O
O
O
O
C: -10 °C ~ +60 °C
OO
O
O
O
O
D: 0 °C ~ +85 °C
OO
O
O
O
O
E:
0 °C ~ +55 °C
OO
O
O
O
O
F: -10 °C ~ +70 °C
OO
O
O
O
O
G: -30 °C ~ +75 °C
OO
O
O
O
O
H: -20 °C ~ +75 °C
OO
O
O
O
O
K: -40 °C ~ +85 °C
OO
O
O
L: -20 °C ~ +85 °C
OO
O
O
O
O
M: -30 °C ~ +85 °C
OO
O
O
standard O on request
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.co.uk / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Oscillator · VX3 · 3.3 Volt
Oscillator · (VC)TCXO · JT33(V)
#1
#2
#3
#4
3.2±0.15
1.2±0.1
1.3±0.1
1.0±0.1
#2
#1
#4
#3
1.0±0.1
top view
side view
bottom view
pad layout
Dimensions
TCXO
JT33
# 1: GND
# 2: GND
# 3: output
# 4: VDC
VCTCXO
JT33V
# 1: Vcontrol
# 2: GND
# 3: output
# 4: VDC
low power VCTCXO or TCXO
temperature range -40 °C ~ +85 °C available
reflow soldering temperature: 260 °C max.
ceramic/metal package
pin connection
in mm
Table 1: Frequency Stability vs. Temperature
Note
- TCXO JT33: pin #1 connected to GND
- VCTCXO JT33V: pin #1 is control voltage VC
- external AC coupling for output recommended
Order Information
O
frequency
in MHz
frequency stability
code
operating temp.
code
supply voltage
Oscillator
8.0 ~ 45.0 MHz
JT33 = TCXO
JT33V = VCTCXO
A - Z
see table 1
A - K
see table 1
1.8 = 1.8 V
2.5 = 2.5 V
2.8 = 2.8 V
3.0 = 3.0 V
3.3 = 3.3 V
control voltage
(for JT33V only)
0.9 = VC 0.9 V ± 0.9 V at VDC = 1.8 V
1.5 = VC 1.5 V ± 1.0 V at VDC ≥ 2.5 V
1.4 = VC 1.4 V ± 1.0 V at VDC ≥ 2.5 V
see General Data
type
Example: O 26.0-JT33V-A-G-3.3-1.5-LF
(Suffix LF = RoHS compliant / Pb free pads)
General Data
type
frequency range
frequency
at +25 °C
tolerance/
temperature
stability
aging first year
supply voltage
load change
current consumption
supply voltage VDC
temperature operating
storage
output
load nom.
level min.
external tuning range JT33V
external tuning voltage JT33V
start-up time max.
phase noise
at 100 Hz
at ƒo
at 1 KHz
26 MHz
at 10 KHz
JT33 / JT33V
8.0 ~ 52.0 MHz
± 1.5 ppm (incl. 2x reflow)
± 1 ppm ~ ± 5 ppm (table 1)
± 1 ppm
± 0.2 ppm (at VDC ± 5%)
± 0.2 ppm
2.5 mA max.
1.8 / 2.5 / 2.8 / 3.0 / 3.3 (± 5%)
see table 1
-40 °C ~ +85 °C
10 KΩ // 10 pF
0.8 Vpp (clipped sine)
± 8 ppm min.
0.9 V ± 0.9 V at VDC = 1.8 V (standard)
1.5 V ± 1.0 V at VDC ≥ 2.5 V (standard)
1.4 V ± 1.0 V at VDC ≥ 2.5 V (option)
2.5 ms
-109 dBc/Hz typ.
-133 dBc/Hz typ.
-148 dBc/Hz typ.
Temp. Compensated Crystal Oscillator
· 3.2 x 2.5 mm
181213
Pb free: pins / pads
RoHS
2011/65/EC
RoHS compliant
actual size



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com