Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP1331-085LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SMP1331-085LF
Description  50 W Surface Mount Shunt Connected PIN Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1331-085LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SMP1331-085LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DATA SHEET • SMP1331-085LF: 50 W SURFACE MOUNT SHUNT CONNECTED PIN DIODE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
June 19, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203591B
Anode
(Pin 1)
Cathode
(Pin 2)
Anode
(Pin 3)
Encapsulated
Epoxy
Bond Wire
(2 Places)
SMP1331-085LF Die
Not to scale
Y2094
Figure 4. Cross-Sectional View of the SMP1331-085LF
Pin 1
Pin 2
Pin 3
LSERIES
CPKG
CPKG
LSERIES
LPADDLE
SMP1331-085LF
Die
Y2095
Figure 5. SMP1331-085LF Electrically Equivalent Circuit


Similar Part No. - SMP1331-085LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1331-087LF SKYWORKS-SMP1331-087LF Datasheet
998Kb / 9P
   45 W Surface Mount Series Connected PIN Diode
More results

Similar Description - SMP1331-085LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1331-087LF SKYWORKS-SMP1331-087LF Datasheet
998Kb / 9P
   45 W Surface Mount Series Connected PIN Diode
logo
Pan Jit International I...
MMVL3401 PANJIT-MMVL3401 Datasheet
71Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3700 PANJIT-MMVL3700 Datasheet
79Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1345-087LF SKYWORKS-SMP1345-087LF Datasheet
339Kb / 6P
   Surface Mount PIN Diode
June 18, 2013
logo
Pan Jit International I...
MMVL3401TG PANJIT-MMVL3401TG Datasheet
96Kb / 3P
   SURFACE MOUNT PIN DIODE
1SS356 PANJIT-1SS356 Datasheet
75Kb / 3P
   SURFACE MOUNT PIN DIODE
MMBV3700 PANJIT-MMBV3700 Datasheet
92Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3401TS PANJIT-MMVL3401TS Datasheet
95Kb / 3P
   SURFACE MOUNT PIN DIODE
1SS390 PANJIT-1SS390_09 Datasheet
101Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1302-087LF SKYWORKS-SMP1302-087LF Datasheet
757Kb / 8P
   Surface-Mount PIN Diode
August 9, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com