Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD20100CT Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MBRD20100CT
Description  SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MBRD20100CT Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MBRD20100CT Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBRD20100CT Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBRD20100CT Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBRD20100CT Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-2
52-2L Plastic-Encapsulate Diodes
MBRD201
00CT SCHOTTKY BARRIER RECTIFIER
FEATURES
Schottky Barrier Chip
Guard Ring Die Construction for Transient Protection
Low Power Loss,High Efficiency
High Surge Capability
High Current Capability and Low Forward Voltage Drop
For Use in Low Voltage, High Frequency Inverters,Free Wheeling,
and Polarity Protection Applications
MAXIMUM RATINGS ( Ta=25
unless otherwise noted )
Symbol
Parameter
Value
Unit
VRRM
Peak repetitive reverse voltage
VRWM
Working peak reverse voltage
VR
DC blocking voltage
1
00
V
VR(RMS)
RMS reverse voltage
70
V
IO
Average rectified output current@ Tc=125℃
20
A
IFSM
Non-Repetitive peak forward surge current
8.3ms half sine wave
120
A
PD
Power dissipation
1.25
W
RΘJA
Thermal resistance from junction to ambient
80
℃/W
Tj
Junction temperature
125
Tstg
Storage temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=1mA
1
00
V
Reverse current
IR
VR=100V
0.1
mA
Forward voltage
VF1
IF1=10A
1
V
TO-2
52-2L
1. ANODE
2. CATHODE
3. ANODE
V
*Pulse test
Forward voltage
VF2*
IF2=20A
1.2
V
www.cj-elec.com
1
B,Mar,2016


Similar Part No. - MBRD20100CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRD20100CT SMC-MBRD20100CT Datasheet
187Kb / 7P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
MBRD20100CT GOOD-ARK-MBRD20100CT Datasheet
320Kb / 4P
   Schottky Barrier Rectifier
logo
Thinki Semiconductor Co...
MBRD20100CT THINKISEMI-MBRD20100CT Datasheet
533Kb / 2P
   20.0 Amperes Surface Mount Common Cathode Schottky Barrier Half Bridge Rectifiers
logo
Inchange Semiconductor ...
MBRD20100CT ISC-MBRD20100CT Datasheet
365Kb / 2P
   Schottky Barrier Rectifier
logo
First Silicon Co., Ltd
MBRD20100CT FS-MBRD20100CT Datasheet
335Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRD20100CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com