Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC08GP32VFB Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC68HC08GP32VFB
Description  M68HC08 Family of 8-bit microcontroller units (MCUs)
Download  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08GP32VFB Datasheet(HTML) 5 Page - Motorola, Inc

  MC68HC08GP32VFB Datasheet HTML 1Page - Motorola, Inc MC68HC08GP32VFB Datasheet HTML 2Page - Motorola, Inc MC68HC08GP32VFB Datasheet HTML 3Page - Motorola, Inc MC68HC08GP32VFB Datasheet HTML 4Page - Motorola, Inc MC68HC08GP32VFB Datasheet HTML 5Page - Motorola, Inc MC68HC08GP32VFB Datasheet HTML 6Page - Motorola, Inc MC68HC08GP32VFB Datasheet HTML 7Page - Motorola, Inc MC68HC08GP32VFB Datasheet HTML 8Page - Motorola, Inc MC68HC08GP32VFB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 410 page
background image
MC68HC908GP32MC68HC08GP32 Rev. 6
Technical Data
MOTOROLA
List of Sections
3
Technical Data – MC68HC908GP32•MC68HC08GP32
List of Sections
Section 1. General Description . . . . . . . . . . . . . . . . . . . . 31
Section 2. Memory Map . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Section 3. Low-Power Modes. . . . . . . . . . . . . . . . . . . . . . 57
Section 4. Resets and Interrupts . . . . . . . . . . . . . . . . . . . 69
Section 5. Analog-to-Digital Converter (ADC) . . . . . . . . 87
Section 6. Break Module (BRK) . . . . . . . . . . . . . . . . . . . . 97
Section 7. Clock Generator Module (CGMC) . . . . . . . . 105
Section 8. Configuration Register (CONFIG) . . . . . . . . 137
Section 9. Computer Operating Properly (COP) . . . . . 141
Section 10. Central Processor Unit (CPU) . . . . . . . . . . 147
Section 11. FLASH Memory . . . . . . . . . . . . . . . . . . . . . . 165
Section 12. External Interrupt (IRQ) . . . . . . . . . . . . . . . 175
Section 13. Keyboard Interrupt Module (KBI). . . . . . . . 181
Section 14. Low-Voltage Inhibit (LVI) . . . . . . . . . . . . . . 189
Section 15. Monitor ROM (MON) . . . . . . . . . . . . . . . . . . 195
Section 16. Input/Output (I/O) Ports . . . . . . . . . . . . . . . 211
Section 17. Random-Access Memory (RAM) . . . . . . . . 235
Section 18. Serial Communications Interface
Module (SCI) . . . . . . . . . . . . . . . . . . . . . . . 237
Section 19. System Integration Module (SIM) . . . . . . . 277
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC08GP32VFB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC08GP32 FREESCALE-MC68HC08GP32 Datasheet
1Mb / 282P
   M68HC08 Microcontrollers
MC68HC08GP32A FREESCALE-MC68HC08GP32A Datasheet
1Mb / 258P
   Microcontrollers
MC68HC08GP32ACB FREESCALE-MC68HC08GP32ACB Datasheet
1Mb / 258P
   Microcontrollers
MC68HC08GP32ACFB FREESCALE-MC68HC08GP32ACFB Datasheet
1Mb / 258P
   Microcontrollers
MC68HC08GP32AMB FREESCALE-MC68HC08GP32AMB Datasheet
1Mb / 258P
   Microcontrollers
More results

Similar Description - MC68HC08GP32VFB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC08AS32 MOTOROLA-MC68HC08AS32 Datasheet
1Mb / 394P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
logo
Freescale Semiconductor...
68HC05JB3 FREESCALE-68HC05JB3 Datasheet
1Mb / 134P
   8-bit microcontroller units (MCUs)
logo
NXP Semiconductors
68HC708KL8 NXP-68HC708KL8 Datasheet
3Mb / 246P
   The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 2.1
68HC908MR24 NXP-68HC908MR24 Datasheet
3Mb / 418P
   The MC68HC908MR24 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 1.0
logo
Motorola, Inc
HC705J2 MOTOROLA-HC705J2 Datasheet
427Kb / 78P
   M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
logo
NXP Semiconductors
MC68HC908QY4SM NXP-MC68HC908QY4SM Datasheet
1Mb / 52P
   The MC68HC908QY4 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
Rev. 0.1, 12/2002
MC68HC908JL8SM NXP-MC68HC908JL8SM Datasheet
826Kb / 56P
   The MC68HC908JL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
3/2003
logo
Freescale Semiconductor...
MPC5604P FREESCALE-MPC5604P Datasheet
1Mb / 84P
   microcontroller units (MCUs)
MPC5634M FREESCALE-MPC5634M_09 Datasheet
2Mb / 118P
   microcontroller units (MCUs)
logo
NXP Semiconductors
68HC05J5 NXP-68HC05J5 Datasheet
640Kb / 69P
   The MC68HC05J5 HCMOS Microcontroller is a member of the MC68HC05 Family of low-cost single-chip 8-bit Microcontroller Units (MCUs).
December 11, 1996 REV 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com