Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P520E85 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # P520E85
Description  FUJITSU Desktop ESPRIMO P520 E85
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

P520E85 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  P520E85 Datasheet HTML 1Page - Fujitsu Component Limited. P520E85 Datasheet HTML 2Page - Fujitsu Component Limited. P520E85 Datasheet HTML 3Page - Fujitsu Component Limited. P520E85 Datasheet HTML 4Page - Fujitsu Component Limited. P520E85 Datasheet HTML 5Page - Fujitsu Component Limited. P520E85 Datasheet HTML 6Page - Fujitsu Component Limited. P520E85 Datasheet HTML 7Page - Fujitsu Component Limited. P520E85 Datasheet HTML 8Page - Fujitsu Component Limited. P520E85 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Data Sheet FUJITSU Desktop ESPRIMO P520 E85+
Page 2 / 9
www.fujitsu.com/fts/ESPRIMO
Components
Processor
Intel® Core™ i7-4790 processor (4 Cores / 8 Threads, 3.60 GHz, up to 4.0 GHz, 8 MB, Intel® HD Graphics 4600) *
Intel® Core™ i5-4690 processor (4 Cores / 4 Threads, 3.50 GHz, up to 3.9 GHz, 6 MB, Intel® HD Graphics 4600) *
Intel® Core™ i5-4590 processor (4 Cores / 4 Threads, 3.30 GHz, up to 3.7 GHz, 6 MB, Intel® HD Graphics 4600) *
Intel® Core™ i5-4460 processor (4 Cores / 4 Threads, 3.20 GHz, up to 3.4 GHz, 6 MB, Intel® HD Graphics 4600)
Intel® Core™ i3-4170 processor (2 Cores / 4 Threads, 3.70 GHz, 3 MB, Intel® HD Graphics 4400)
Intel® Pentium® processor G3460 (2 Cores / 2 Threads, 3.50 GHz, 3 MB, Intel® HD Graphics)
Intel® Pentium® processor G3260 (2 Cores / 2 Threads, 3.30 GHz, 3 MB, Intel® HD Graphics)
Intel® Celeron® processor G1840 (2 Cores / 2 Threads, 2.80 GHz, 2 MB, Intel® HD Graphics)
*with Intel® Turbo Boost Technology (clock speed and performance will vary depending on workload and other
variables)
Operating systems
Operating system
Windows 8.1 Pro
Windows 8.1
Windows 7 Professional 64-bit
Windows 7 Professional 32-bit
Operating system compatible
Windows 10 Pro (license + recovery media only)
openSUSE Linux
Memory modules
2 GB (1 module(s) 2 GB) DDR3, unbuffered, non-ECC, 1,600 MHz, PC3-12800, DIMM
4 GB (1 module(s) 4 GB) DDR3, unbuffered, non-ECC, 1,600 MHz, PC3-12800, DIMM
8 GB (1 module(s) 8 GB) DDR3, unbuffered, non-ECC, 1,600 MHz, PC3-12800, DIMM
Hard disk drives (internal)
SSD SATA III Premium, 512 GB, 2.5-inch
SSD SATA III Premium, 256 GB, 2.5-inch
SSD SATA III Premium, 128 GB, 2.5-inch
SSD SATA III, 256 GB, 2.5-inch
SSD SATA III, 128 GB, 2.5-inch
SSD SATA III, 256 GB, 2.5-inch, SED
SSD SATA III, 128 GB, 2.5-inch, SED
SSHD SATA III, 7,200 rpm, 1,000 GB, 3.5-inch
SSHD SATA III, 5,400 rpm, 500 GB, 2.5-inch
HDD SATA III, 7,200 rpm, 2,000 GB, 3.5-inch
HDD SATA III, 7,200 rpm, 1,000 GB, 3.5-inch
HDD SATA III, 7,200 rpm, 500 GB, 3.5-inch
HDD SATA II, 5,400 rpm, 320 GB, 2.5-inch
Hard disk notes
Up to 20 GB of HDD space is reserved for system recovery
SED (Self-Encrypting Drive)
SSD (Solid State Disk)
SSHD (Solid State Hard Disk, Hybrid drive)
Graphics
NVIDIA® NVS™ 315, 1 GB
NVIDIA® GeForce® GTX 745 2 GB FH, 2 GB
NVIDIA® GeForce® GT630 DisplayPort 2GB FH, 2 GB
NVIDIA® GeForce® 605 DisplayPort 1GB FH, 1 GB
LFH59/ 2x DVI-I adapter cable
LFH59/ 2x DP adapter cable
DVI-I to VGA Adapter
DP to DVI-D (single link) Adapter Cable
DP Extension Card
AMD® Radeon R9 255 FH, 2 GB


Similar Part No. - P520E85

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P520-006 TRIPPLITE-P520-006 Datasheet
171Kb / 2P
   Serial DB9 Serial Extension Cable, Straight Through (DB9 M/F), 6-ft.
logo
PhaseLink Corporation
P520-00DC PLL-P520-00DC Datasheet
218Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
P520-05OC PLL-P520-05OC Datasheet
239Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
P520-05QC PLL-P520-05QC Datasheet
239Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
P520-06QC PLL-P520-06QC Datasheet
239Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
More results

Similar Description - P520E85

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
D956E85 FUJITSU-D956E85 Datasheet
389Kb / 9P
   FUJITSU Desktop ESPRIMO D956/E85
D756E85 FUJITSU-D756E85 Datasheet
390Kb / 9P
   FUJITSU Desktop ESPRIMO D756/E85
P556E85 FUJITSU-P556E85 Datasheet
376Kb / 9P
   FUJITSU Desktop ESPRIMO P556/E85
P920E85 FUJITSU-P920E85 Datasheet
184Kb / 9P
   FUJITSU Desktop ESPRIMO P920 E85
P756E85 FUJITSU-P756E85 Datasheet
381Kb / 9P
   FUJITSU Desktop ESPRIMO P756/E85
D556E85 FUJITSU-D556E85 Datasheet
375Kb / 9P
   FUJITSU Desktop ESPRIMO D556/E85
P420E85 FUJITSU-P420E85 Datasheet
198Kb / 8P
   FUJITSU Desktop ESPRIMO P420 E85
P956E85 FUJITSU-P956E85 Datasheet
380Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E85
Q556 FUJITSU-Q556 Datasheet
382Kb / 8P
   FUJITSU Desktop ESPRIMO Q556
X923 FUJITSU-X923 Datasheet
143Kb / 8P
   FUJITSU Desktop ESPRIMO X923
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com