Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X923-T Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # X923-T
Description  FUJITSU Desktop ESPRIMO X923-T
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

X923-T Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  X923-T Datasheet HTML 1Page - Fujitsu Component Limited. X923-T Datasheet HTML 2Page - Fujitsu Component Limited. X923-T Datasheet HTML 3Page - Fujitsu Component Limited. X923-T Datasheet HTML 4Page - Fujitsu Component Limited. X923-T Datasheet HTML 5Page - Fujitsu Component Limited. X923-T Datasheet HTML 6Page - Fujitsu Component Limited. X923-T Datasheet HTML 7Page - Fujitsu Component Limited. X923-T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet FUJITSU Desktop ESPRIMO X923-T
Page 2 / 8
www.fujitsu.com/fts/ESPRIMO
Components
Processor
Intel® Core™ i7-4785T processor (4 Cores / 8 Threads, 2.20 GHz, up to 3.2 GHz, 8 MB, Intel® HD Graphics 4600) *
Intel® Core™ i5-4590T processor (4 Cores / 4 Threads, 2.00 GHz, up to 3.0 GHz, 6 MB, Intel® HD Graphics 4600) *
Intel® Core™ i3-4170T processor (2 Cores / 4 Threads, 3.20 GHz, 3 MB, Intel® HD Graphics 4400)
Intel® vPro™ Logo with Intel® Core i5 and Core i7 processors
*with Intel® Turbo Boost Technology (clock speed and performance will vary depending on workload and other
variables)
Operating systems
Operating system
Windows 10 Pro
Windows 8.1 Pro
Windows 7 Professional 64-bit
Windows 7 Professional 32-bit
Operating system compatible
Windows 10 Pro (license + recovery media only)
openSUSE Linux
Multimedia module (optional)
Camera
2.0 megapixel webcam (full HD)
Microphone
High quality mono
Presence Sensor
Ultrasonic sensor
Display
Tilt angle
-5° / +30° up to 90° in vertical touch position
Multi-Touch Support
yes
Screen Surface Treatment
Anti-glare
Contrast - advanced
10,000,000:1
Response time typical
14 ms
Viewing angle (h/v) - typical
178°/178° CR10:1
Color performance
16.7 million colors (Hi-FRC)
Brightness - typical
250 cd/m
Aspect ratio
16:9
Diagonal Size
58.4 cm (23-inch)
Resolution (native)
1,920 x 1,080 pixel
Pixel Pitch
0.265 mm
Memory modules
2 GB (1 module(s) 2 GB) DDR3, non-ECC, 1,600 MHz, PC3-12800, SO DIMM
4 GB (1 module(s) 4 GB) DDR3, non-ECC, 1,600 MHz, PC3-12800, SO DIMM
8 GB (1 module(s) 8 GB) DDR3, non-ECC, 1,600 MHz, PC3-12800, SO DIMM
Hard disk drives (internal)
HDD SATA II, 5,400 rpm, 500 GB, 2.5-inch*
SSD SATA III Premium, 512 GB, 2.5-inch
SSD SATA III Premium, 256 GB, 2.5-inch
SSD SATA III Premium, 128 GB, 2.5-inch
SSD SATA III, 256 GB, 2.5-inch
SSD SATA III, 128 GB, 2.5-inch
SSD SATA III, 256 GB, 2.5-inch, SED
SSD SATA III, 128 GB, 2.5-inch, SED
SSHD SATA III, 5,400 rpm, 500 GB, 2.5-inch
HDD SATA III, 7,200 rpm, 500 GB, 2.5-inch
HDD SATA III, 7,200 rpm, 320 GB, 2.5-inch
HDD SATA II, 5,400 rpm, 1,000 GB, 2.5-inch*
HDD SATA II, 5,400 rpm, 320 GB, 2.5-inch*


Similar Part No. - X923-T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
X923 FUJITSU-X923 Datasheet
143Kb / 8P
   FUJITSU Desktop ESPRIMO X923
More results

Similar Description - X923-T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
X923 FUJITSU-X923 Datasheet
143Kb / 8P
   FUJITSU Desktop ESPRIMO X923
X956T FUJITSU-X956T Datasheet
352Kb / 8P
   FUJITSU Desktop ESPRIMO X956/T
Q556 FUJITSU-Q556 Datasheet
382Kb / 8P
   FUJITSU Desktop ESPRIMO Q556
Q956 FUJITSU-Q956 Datasheet
386Kb / 9P
   FUJITSU Desktop ESPRIMO Q956
Q920 FUJITSU-Q920 Datasheet
187Kb / 8P
   FUJITSU Desktop ESPRIMO Q920
X956 FUJITSU-X956 Datasheet
351Kb / 8P
   FUJITSU Desktop ESPRIMO X956
P756E94 FUJITSU-P756E94 Datasheet
382Kb / 9P
   FUJITSU Desktop ESPRIMO P756/E94
P956LL FUJITSU-P956LL Datasheet
379Kb / 9P
   FUJITSU Desktop ESPRIMO P956/LL
D756E85 FUJITSU-D756E85 Datasheet
390Kb / 9P
   FUJITSU Desktop ESPRIMO D756/E85
P556E85 FUJITSU-P556E85 Datasheet
376Kb / 9P
   FUJITSU Desktop ESPRIMO P556/E85
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com