Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP672 Datasheet(PDF) 1 Page - CSB Battery Co., Ltd.

Part # GP672
Description  Cells Per Unit 3 Voltage Per Unit 6
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CSB-BATTERY [CSB Battery Co., Ltd.]
Direct Link  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

GP672 Datasheet(HTML) 1 Page - CSB Battery Co., Ltd.

  GP672_16 Datasheet HTML 1Page - CSB Battery Co., Ltd. GP672_16 Datasheet HTML 2Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cells Per Unit
3
Voltage Per Unit
6
Capacity
7.2Ah @ 20hr-rate to 1.75V per cell
Weight
Approx. 1.22 kg(2.69 lbs)
Maximum Discharge Current
100A/130A(5sec)
Internal Resistance
Approx. 15.5 mΩ
Operating Temperature Range
Nominal Operating Temperature Range
Float Charging Voltage
6.75 to 6.9 VDC/unit Average at
Recommended Maximum Charging
2.16A
Current Limit
Equalization and Cycle Service
7.2 to 7.5 VDC/unit Average at
Self Discharge
CSB Batteries can be stored for more than 6 months at
Please charge batteries before using. For
higher temperatures the time interval will be shorter.
Terminal
F1/F2-Faston Tab187/250
Container Material
ABS(UL 94-HB) & Flammability resistance of
(UL 94-V0) can be available upon request.
Discharge:
Charge:
Storage:
Constant Current Discharge Characteristics Unit:A (25°C,77°F)
GP 672 6V 7.2Ah
Specification
Powered by
Width (W)
Dimensions :
Unit: mm (inch)
Overall Height (H)
Container height (h)
Length (L)
100±1 (3.94±0.04)
94±1 (3.7±0.04)
151±2 (5.94±0.08)
34±1 (1.34±0.04)
GP 672 is a general purpose battery up to 5 years in standby
service or more than 260 cycles at 100% discharge in cycle
service. As with all CSB batteries, all are rechargeable, highly
efficient, leak proof and maintenance free.
by TUVCERTaccording to ISO9001,ISO14001.
Thesystem of manufacturer was certified
(http://www.csb-battery.com)
F.V/Time
5MIN
10MIN
15MIN
30MIN
60MIN
90MIN
2HR
3HR
5HR
8HR
10HR
20HR
1.60V
35.6
22.0
16.5
9.61
5.51
3.92
3.08
2.13
1.34
0.92
0.77
0.45
1.67V
33.1
21.0
15.9
9.36
5.41
3.85
3.02
2.08
1.31
0.90
0.76
0.44
1.70V
31.9
20.5
15.6
9.24
5.37
3.82
3.00
2.06
1.30
0.89
0.75
0.43
1.75V
29.6
19.6
15.1
9.03
5.30
3.77
2.96
2.02
1.27
0.88
0.74
0.42
1.80V
27.2
18.6
14.4
8.77
5.23
3.71
2.91
1.98
1.25
0.87
0.73
0.42
1.85V
24.5
17.4
13.7
8.44
5.14
3.66
2.87
1.95
1.22
0.86
0.71
0.40
F.V/Time
5MIN
10MIN
15MIN
30MIN
60MIN
90MIN
2HR
3HR
5HR
8HR
10HR
20HR
1.60V
180
123
91.4
53.9
32.2
23.5
18.8
13.3
8.62
5.87
4.90
2.68
1.67V
170
118
88.7
52.9
31.8
23.2
18.5
13.2
8.50
5.80
4.84
2.63
1.70V
165
115
87.2
52.4
31.6
23.1
18.4
13.1
8.45
5.76
4.77
2.61
1.75V
157
111
85.0
51.6
31.2
22.8
18.2
13.0
8.36
5.70
4.73
2.57
1.80V
147
106
82.3
50.6
30.9
22.5
18.0
12.8
8.27
5.65
4.70
2.53
1.85V
138
101
79.2
49.5
30.4
22.1
17.7
12.6
8.16
5.60
4.64
2.49
@25°C (77°F)
25°C (77°F)
25°C (77°F)
25°C (77°F).
-15°C~50°C ( 5°F~122°F).
-15°C~40°C ( 5°F~104°F).
-15°C~40°C ( 5°F~104°F).
25°C±3°C (77°F±5°F).
Constant Power Discharge Characteristics Unit:W (25°C,77°F)
RA1406
Ratings presented herein are subject to revision without notice. Please refer to www.csb-battery.com to confirm the latest version.
TUV Asia Pacific Ltd.
Taiwan Branch
TUV Asia Pacific Ltd.
Taiwan Branch
CSB-manufactured VRLA
(
Absorbent Glass Mat type)
batteries are UL-recognized
components under UL1989.
CSB is also certified by
ISO 9001 and ISO 14001.


Similar Part No. - GP672_16

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
GP672 CSB-BATTERY-GP672_17 Datasheet
425Kb / 1P
   Valve Regulated Lead Acid Battery
More results

Similar Description - GP672_16

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
GP6120 CSB-BATTERY-GP6120_16 Datasheet
766Kb / 2P
   Cells Per Unit 3 Voltage Per Unit 6
GP121000 CSB-BATTERY-GP121000_16 Datasheet
719Kb / 2P
   Cells Per Unit 6 Cells Per Unit 6
GP12650 CSB-BATTERY-GP12650_16 Datasheet
782Kb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
HR1290W CSB-BATTERY-HR1290W_16 Datasheet
2Mb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
GPL12750 CSB-BATTERY-GPL12750_16 Datasheet
694Kb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
HRL12540W CSB-BATTERY-HRL12540W_16 Datasheet
2Mb / 2P
   Cells per unit 6 Voltage per unit 12
TPL12800 CSB-BATTERY-TPL12800_16 Datasheet
660Kb / 2P
   Cells per unit 6 Voltage per unit 12
TPL12900 CSB-BATTERY-TPL12900_16 Datasheet
670Kb / 2P
   Cells per unit 6 Voltage per unit 12
UPS12460 CSB-BATTERY-UPS12460_16 Datasheet
2Mb / 2P
   Cells per unit 6 Voltage per unit 12
XHRL12620W CSB-BATTERY-XHRL12620W_16 Datasheet
2Mb / 2P
   Cells per unit 6 Voltage per unit 12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com