Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107SML050MD10 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 107SML050MD10
Description  Standard 2000 hrs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107SML050MD10 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  107SML050MD10 Datasheet HTML 1Page - Illinois Capacitor, Inc. 107SML050MD10 Datasheet HTML 2Page - Illinois Capacitor, Inc. 107SML050MD10 Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Small size Low cost
APPLICATIONS
Filtering Bypass Coupling Blocking
Operating Temperature Range
-40°C to +85°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge voltage
WVDC
4
6.3
10
16
25
35
50
63
100
SVDC
5.2
7.9
13
20
32
44
63
79
125
Dissipation Factor
WVDC
4
6.3
10
16
25
35
50
63
100
tan δ
.35
.28
.24
.2
.14
.14
.12
.12
.1
Leakage current
2 Minutes
.01CV or 3uA,Whichever is greater
Low temperature
stability
Impedance ratio
(120 Hz)
Rated WVDC
4
6.3
10
16
25
35
50
63
100
-25°C to
+20°C
D<8
7
4
3
2
2
2
2
2
2
D>8
7
5
4
3
2
2
2
2
2
-40°C to
+20°C
D<8
15
8
6
4
4
3
3
3
3
D>8
15
10
8
6
4
3
3
3
3
Load Life
2000 hours at 85°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Resistance to soldering heat
Capacitors placed on a 250C hot plate for 30 seconds with their electrode terminations
facing downward will fulfill the following conditions after being cooled to room
temperature
Capacitance change
<10% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
Temperature (°C)
50
120
400
1k
10k
100k
85
70
65
0.7
1.0
1.17 1.36
1.5
1.5
1.0
1.35
1.35
D
L
W+0.2
H+0.2
C+0.2
R
LL+0.2
S+0.2
4
5.4 +/-0.2
4.3
4.3
5.0
0.5~0.8
1.8
1.0
5
5.4 +/-0.2
5.3
5.3
6.0
0.5~0.8
2.1
1.4
6.3
5.4 +/-0.2
6.6
6.6
7.3
0.5~0.8
2.4
2.2
6.3
5.8 +/-0.3
6.6
6.6
7.3
0.5~0.8
2.4
2.2
6.3
7.7 +/-0.3
6.6
6.6
7.3
0.5~0.8
2.4
2.2
8
6.2 +/-0.5
8.3
8.3
9.0
0.7~1.0
2.4
3.2
8
10.5+/-05
8.3
8.3
9.0
0.7~1.0
2.8
3.2
10
10.5+/-0.5
10
10
11.0
0.7~1.0
3.2
4.6


Similar Part No. - 107SML050MD10

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107SML050MD10 ILLINOISCAPACITOR-107SML050MD10 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
107SML050MD10 ILLINOISCAPACITOR-107SML050MD10 Datasheet
239Kb / 3P
   Small size ??Low cost
107SML050MD10 ILLINOISCAPACITOR-107SML050MD10 Datasheet
306Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
107SML050MD10 ILLINOISCAPACITOR-107SML050MD10 Datasheet
124Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 107SML050MD10

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC_16 Datasheet
399Kb / 6P
   Standard 2000 hrs
474BPA050M ILLINOISCAPACITOR-474BPA050M_16 Datasheet
218Kb / 2P
   Bi-Polar/ non-polar 2000 hrs
104CKR050M ILLINOISCAPACITOR-104CKR050M_16 Datasheet
293Kb / 3P
   Standard 2000 hour
logo
Linear Technology
LT5400 LINER-LT5400 Datasheet
204Kb / 8P
   Quad Matched Resistor Network Long-Term Stability: <2ppm at 2000 Hrs
logo
List of Unclassifed Man...
CHM48 ETC2-CHM48 Datasheet
187Kb / 3P
   AC : capacity 100,000 hrs 99,999.99 hrs
99772716 ETC2-99772716 Datasheet
187Kb / 3P
   AC : capacity 100,000 hrs (99,999.99 hrs)
CHM24 ETC2-CHM24 Datasheet
135Kb / 3P
   VAC : capacity 100,000 hrs (99,999.99 hrs)
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M_16 Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
logo
JMK Inc.
FF-1319-13E JMK-FF-1319-13E Datasheet
45Kb / 1P
   2,278,891 Hrs
FF-1319-13G JMK-FF-1319-13G Datasheet
43Kb / 1P
   2,278,891 Hrs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com