Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127LBA450M2BE Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 127LBA450M2BE
Description  Standard 2000 hrs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

127LBA450M2BE Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  127LBA450M2BE Datasheet HTML 1Page - Illinois Capacitor, Inc. 127LBA450M2BE Datasheet HTML 2Page - Illinois Capacitor, Inc. 127LBA450M2BE Datasheet HTML 3Page - Illinois Capacitor, Inc. 127LBA450M2BE Datasheet HTML 4Page - Illinois Capacitor, Inc. 127LBA450M2BE Datasheet HTML 5Page - Illinois Capacitor, Inc. 127LBA450M2BE Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Lead style options
Code 2 (Standard)
Diameter 20 to 40 mm
Code Z
Diameter 20 to 40 mm
Code P
Diameter 22 to 35 mm
Code D
Diameter 30 to 40 mm
Code 9
Diameter 25 to 35 mm
Code T
Diameter 25 to 35 mm
Code 4
Diameter 35 to 45 mm
Code 4S (straight leads)
Diameter 35 to 45 mm
Code 5
Diameter 40 to 50 mm
Code G
D
35
40
50
63
76
P
14
14
18
25
25
Diameter 35 to 76 mm


Similar Part No. - 127LBA450M2BE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
127LBA450M2BE ILLINOISCAPACITOR-127LBA450M2BE Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
127LBA450M2BE ILLINOISCAPACITOR-127LBA450M2BE Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
127LBA450M2BE ILLINOISCAPACITOR-127LBA450M2BE Datasheet
128Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 127LBA450M2BE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107SML035M ILLINOISCAPACITOR-107SML035M_16 Datasheet
245Kb / 3P
   Standard 2000 hrs
474BPA050M ILLINOISCAPACITOR-474BPA050M_16 Datasheet
218Kb / 2P
   Bi-Polar/ non-polar 2000 hrs
104CKR050M ILLINOISCAPACITOR-104CKR050M_16 Datasheet
293Kb / 3P
   Standard 2000 hour
logo
Linear Technology
LT5400 LINER-LT5400 Datasheet
204Kb / 8P
   Quad Matched Resistor Network Long-Term Stability: <2ppm at 2000 Hrs
logo
List of Unclassifed Man...
CHM48 ETC2-CHM48 Datasheet
187Kb / 3P
   AC : capacity 100,000 hrs 99,999.99 hrs
99772716 ETC2-99772716 Datasheet
187Kb / 3P
   AC : capacity 100,000 hrs (99,999.99 hrs)
CHM24 ETC2-CHM24 Datasheet
135Kb / 3P
   VAC : capacity 100,000 hrs (99,999.99 hrs)
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M_16 Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
logo
JMK Inc.
FF-1319-13E JMK-FF-1319-13E Datasheet
45Kb / 1P
   2,278,891 Hrs
FF-1319-13G JMK-FF-1319-13G Datasheet
43Kb / 1P
   2,278,891 Hrs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com