Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127LBA450M2BE Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 127LBA450M2BE
Description  Standard 2000 hrs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

127LBA450M2BE Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  127LBA450M2BE Datasheet HTML 1Page - Illinois Capacitor, Inc. 127LBA450M2BE Datasheet HTML 2Page - Illinois Capacitor, Inc. 127LBA450M2BE Datasheet HTML 3Page - Illinois Capacitor, Inc. 127LBA450M2BE Datasheet HTML 4Page - Illinois Capacitor, Inc. 127LBA450M2BE Datasheet HTML 5Page - Illinois Capacitor, Inc. 127LBA450M2BE Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LBA
+85°C Standard 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
2200
80
228LBA080M2CD
188.39
2.53
25x30
2200
80
228LBA080M2DC
188.39
2.56
30x25
2200
100
228LBA100M2BG
150.71
3.15
22x45
2200
100
228LBA100M2CF
150.71
3.21
25x40
2200
100
228LBA100M2DD 150.71
3.17
30x30
2200
100
228LBA100M2CG
150.71
3.41
25x45
2200
160
228LBA160M2EF
113.04
4.96
35x40
2200
200
228LBA200M2EH
113.04
4.7
35x50
2700
35
278LBA035M2AC
245.61
1.76
20x25
2700
50
278LBA050M2AE
214.91
2.21
20x35
2700
50
278LBA050M2BD
214.91
2.21
22x30
2700
63
278LBA063M2AF
184.21
2.52
20x40
2700
63
278LBA063M2BE
184.21
2.5
22x35
2700
63
278LBA063M2CD
184.21
2.52
25x30
2700
80
278LBA080M2BG
153.51
2.93
22x45
2700
80
278LBA080M2CE
153.51
2.93
25x35
2700
80
278LBA080M2DD 153.51
2.91
30x30
2700
100
278LBA100M2DE
122.8
3.65
30x35
2700
100
278LBA100M2ED
122.8
3.77
35x30
2700
100
278LBA100M2EG
122.8
3.66
35x45
2700
160
278LBA160M2EH
92.1
5.57
35x50
3300
35
338LBA035M2AD
200.95
2.14
20x30
3300
35
338LBA035M2BC
200.95
2.2
22x25
3300
50
338LBA050M2CC
175.83
2.35
25x25
3300
50
338LBA050M2BD
175.83
2.4
22x30
3300
50
338LBA050M2AF
175.83
2.41
20x40
3300
50
338LBA050M2BC
401.9
1.8
22x25
3300
63
338LBA063M2BF
150.71
2.72
22x40
3300
63
338LBA063M2CD
150.71
2.74
25x30
3300
63
338LBA063M2DC
150.71
2.78
30x25
3300
80
338LBA080M2BH
125.6
3.23
22x50
3300
80
338LBA080M2CF
125.6
3.29
25x40
3300
80
338LBA080M2DD
125.6
3.25
30x30
3300
100
338LBA100M2CH
100.48
4.15
25x50
3300
100
338LBA100M2DF
100.48
4.18
30x40
3300
100
338LBA100M2EE
100.48
3.58
35x35
3900
35
398LBA035M2AD
170.14
2.28
20x30
3900
35
398LBA035M2BC
170.14
2.22
22x25
3900
50
398LBA050M2BE
148.78
2.72
22x35
3900
50
398LBA050M2CD
148.78
2.68
25x30
3900
63
398LBA063M2BG
127.53
3.09
22x45
3900
63
398LBA063M2CE
127.53
3.13
25x35
3900
63
398LBA063M2DD 127.53
3.09
30x30
3900
80
398LBA080M2CG
106.27
3.62
25x45
3900
80
398LBA080M2DE
106.27
3.7
30x35
3900
100
398LBA100M2DG
85.02
4.64
30x45
3900
100
398LBA100M2EE
85.02
4.61
35x35
4700
25
478LBA025M2AC
158.73
2.18
20x25
4700
25
478LBA025M2BC
158.73
2.2
22x25
4700
35
478LBA035M2BD
141.09
2.4
22x30
4700
35
478LBA035M2CC
141.09
2.35
25x25
4700
35
478LBA035M2AE
141.09
2.46
20x35
4700
50
478LBA050M2CD
123.46
3.07
25x30
4700
50
478LBA050M2BF
123.46
2.91
22x40
4700
50
478LBA050M2CE
123.46
2.86
25x35
4700
50
478LBA050M2DC
123.46
2.8
30x25
4700
63
478LBA063M2DD 105.82
3.2
30x30
4700
63
478LBA063M2BH
105.82
3.69
22x50
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
4700
63
478LBA063M2CF
105.82
3.59
25x40
4700
63
478LBA063M2CE
105.82
3.59
25x35
4700
80
478LBA080M2ED
88.18
3.3
35x30
4700
80
478LBA080M2CH
88.18
4.28
25x50
4700
80
478LBA080M2DF
88.18
4.23
30x40
4700
100
478LBA100M2DH
70.55
5.26
30x50
4700
100
478LBA100M2EF
70.55
5.23
35x40
4700
100
478LBA100M2EG
70.55
4.3
35x45
5600
25
568LBA025M2AD
133.22
2.33
20x30
5600
25
568LBA025M2BC
133.22
2.31
22x25
5600
35
568LBA035M2BE
118.42
2.79
22x35
5600
35
568LBA035M2CD
118.42
2.75
25x30
5600
50
568LBA050M2BG
103.62
3.43
22x45
5600
50
568LBA050M2CE
103.62
3.47
25x35
5600
50
568LBA050M2DD 103.62
3.43
30x30
5600
63
568LBA063M2CG
88.81
4.01
25x45
5600
63
568LBA063M2DE
88.81
4
30x35
5600
63
568LBA063M2ED
88.81
3.75
35x30
5600
80
568LBA080M2EE
74.01
4.64
35x35
5600
100
568LBA100M2EG
59.21
5.88
35x45
6800
16
688LBA016M2AC
121.9
2.33
20x25
6800
25
688LBA025M2AE
109.71
2.56
20x35
6800
25
688LBA025M2BD
109.71
2.56
22x30
6800
25
688LBA025M2CC
109.71
2.55
25x25
6800
35
688LBA035M2BE
60.95
2.9
22x35
6800
35
688LBA035M2CD
97.52
3.01
25x30
6800
50
688LBA050M2ED
85.33
3.73
35x30
6800
50
688LBA050M2DD
85.33
3.69
30x30
6800
50
688LBA050M2BH
85.33
3.94
22x50
6800
50
688LBA050M2CF
85.33
3.87
25x40
6800
50
688LBA050M2DE
85.33
3.93
30x35
6800
63
688LBA063M2CH
73.14
4.52
25x50
6800
63
688LBA063M2DF
73.14
4.55
30x40
6800
80
688LBA080M2DH
60.95
5.27
30x50
6800
80
688LBA080M2EF
60.95
5.24
35x40
6800
80
688LBA080M2EG
60.95
4.8
35x45
6800
100
688LBA100M2EH
48.76
6.01
35x50
8200
16
828LBA016M2AD
101.09
2.56
20x30
8200
25
828LBA025M2AF
90.98
2.91
20x40
8200
25
828LBA025M2CC
90.98
2.78
25x25
8200
35
828LBA035M2BG
80.87
3.47
22x45
8200
35
828LBA035M2DD
80.87
3.29
30x30
8200
35
828LBA035M2CE
80.87
3.45
25x35
8200
50
828LBA050M2CG
70.76
4.44
25x45
8200
50
828LBA050M2DE
70.76
4.47
30x35
8200
50
828LBA050M2ED
70.76
4.41
35x30
8200
63
828LBA063M2DG
60.65
5.12
30x45
8200
63
828LBA063M2EE
60.65
5.05
35x35
8200
80
828LBA080M2EG
50.54
5.89
35x45
10000
16
109LBA016M2AE
82.89
2.85
20x35
10000
16
109LBA016M2BD
82.89
2.84
22x30
10000
16
109LBA016M2CC
82.89
2.76
25x25
10000
25
109LBA025M2DC
74.6
3.31
30x25
10000
25
109LBA025M2BE
74.6
3.31
22x35
10000
25
109LBA025M2CD
74.6
3.16
25x30
10000
35
109LBA035M2BH
66.31
3.75
22x50
10000
35
109LBA035M2CF
66.31
3.65
25x40
10000
35
109LBA035M2DD
66.31
4
30x30


Similar Part No. - 127LBA450M2BE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
127LBA450M2BE ILLINOISCAPACITOR-127LBA450M2BE Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
127LBA450M2BE ILLINOISCAPACITOR-127LBA450M2BE Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
127LBA450M2BE ILLINOISCAPACITOR-127LBA450M2BE Datasheet
128Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 127LBA450M2BE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107SML035M ILLINOISCAPACITOR-107SML035M_16 Datasheet
245Kb / 3P
   Standard 2000 hrs
474BPA050M ILLINOISCAPACITOR-474BPA050M_16 Datasheet
218Kb / 2P
   Bi-Polar/ non-polar 2000 hrs
104CKR050M ILLINOISCAPACITOR-104CKR050M_16 Datasheet
293Kb / 3P
   Standard 2000 hour
logo
Linear Technology
LT5400 LINER-LT5400 Datasheet
204Kb / 8P
   Quad Matched Resistor Network Long-Term Stability: <2ppm at 2000 Hrs
logo
List of Unclassifed Man...
CHM48 ETC2-CHM48 Datasheet
187Kb / 3P
   AC : capacity 100,000 hrs 99,999.99 hrs
99772716 ETC2-99772716 Datasheet
187Kb / 3P
   AC : capacity 100,000 hrs (99,999.99 hrs)
CHM24 ETC2-CHM24 Datasheet
135Kb / 3P
   VAC : capacity 100,000 hrs (99,999.99 hrs)
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M_16 Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
logo
JMK Inc.
FF-1319-13E JMK-FF-1319-13E Datasheet
45Kb / 1P
   2,278,891 Hrs
FF-1319-13G JMK-FF-1319-13G Datasheet
43Kb / 1P
   2,278,891 Hrs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com