Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6048702 Datasheet(PDF) 2 Page - SICK AG

Part # 6048702
Description  LEVEL SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6048702 Datasheet(HTML) 2 Page - SICK AG

  6048702 Datasheet HTML 1Page - SICK AG 6048702 Datasheet HTML 2Page - SICK AG 6048702 Datasheet HTML 3Page - SICK AG 6048702 Datasheet HTML 4Page - SICK AG 6048702 Datasheet HTML 5Page - SICK AG 6048702 Datasheet HTML 6Page - SICK AG 6048702 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UP56-213128 | UP56
LEVEL SENSORS
Illustration may differ
Ordering information
Type
Part no.
UP56-213128
6048702
Other models and accessories
www.sick.com/UP56
Detailed technical data
Features
Medium
Fluids
Measurement
Switch, Continuous
Measuring range in tank
200 mm ... 1,300 mm
Measuring range immersion tube
200 mm ... 5,000 mm 1)
Process pressure
0 bar ... 6 bar, gauge pressure
Process temperature
–25 °C ... +70 °C
1) At 6 bar gauge.
Performance
Accuracy of sensor element
≤ 2 % 1)
Repeatability
± 0.15 % 1)
Resolution
≤ 0.18 mm
Response time
≤ 180 ms 2)
1) From the full scale value.
2) Recovery time 32 ms ... 180 ms according to EMC EN 60947-5-7.
Electronics
Supply voltage
9 V DC ... 30 V DC, Switching output 1)
15 V DC ... 30 V DC, Analog output 1)
Residual ripple
± 10 %
Power consumption
≤ 80 mA 2)
Electrical connection
Round connector M12 x 1, 5-pin
Output signal
1 x PNP + 4 mA ... 20 mA / 0 V ... 10 V 3) 4)
Hysteresis
20 mm
1) Reverse-polarity protected.
2) At 24 V DC without output load.
3) Short-circuit protected, reversible.
4) Automatic switching between voltage and current outputs dependet on load 4 mA ... 20 mA: RL ≤ 100 / at 9 V ≤ UB ≤20 V; RL ≤ 500/ at UB ≥ 20 V; 0 V ... 10 V: RL ≥
100 k / at UB ≥ 15 V, short-circuit protected.
2
FLUID SENSORS | SICK
Online data sheet | 2016-06-16 18:15:07
Subject to change without notice


Similar Part No. - 6048702

ManufacturerPart #DatasheetDescription
logo
SICK AG
6048700 SICK-6048700 Datasheet
1Mb / 7P
   LEVEL SENSORS
6048701 SICK-6048701 Datasheet
1Mb / 7P
   LEVEL SENSORS
6048703 SICK-6048703 Datasheet
1Mb / 7P
   LEVEL SENSORS
6048704 SICK-6048704 Datasheet
289Kb / 4P
   LEVEL SENSORS
More results

Similar Description - 6048702

ManufacturerPart #DatasheetDescription
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com