Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP107 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # TIP107
Description  PNP Epitaxial Silicon Darlington Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP107 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  TIP107 Datasheet HTML 1Page - Fairchild Semiconductor TIP107 Datasheet HTML 2Page - Fairchild Semiconductor TIP107 Datasheet HTML 3Page - Fairchild Semiconductor TIP107 Datasheet HTML 4Page - Fairchild Semiconductor TIP107 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP105/TIP106/TIP107 Rev. 1.0.0
3
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0
-1
-2
-3
-4
-5
-0
-1
-2
-3
-4
-5
I
B = -800mA
I
B = -900mA
I
B = -1000mA
I
B = -700mA
I
B = -600mA
I
B = -500mA
I
B = -400mA
I
B = -300mA
I
B = -200mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
100
1k
10k
VCE = -4V
Ic[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
-100
-1k
-10k
-100k
IC = 500 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
1
10
100
1k
10k
f = 0.1 MHz
IE = 0
VCB[V], COLLECTOR-BASE VOLTAGE
-0.1
-1
-10
-100
-0.01
-0.1
-1
-10
-100
TIP106
TIP107
TIP105
1ms
DC
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
90
100
TC[
oC], CASE TEMPERATURE


Similar Part No. - TIP107

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP107 MOSPEC-TIP107 Datasheet
200Kb / 4P
   POWER TRANSISTORS(8A,60-100V,80W)
logo
TRANSYS Electronics Lim...
TIP107 TEL-TIP107 Datasheet
75Kb / 2P
   PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
TIP107 NJSEMI-TIP107 Datasheet
97Kb / 2P
   PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
logo
Motorola, Inc
TIP107 MOTOROLA-TIP107 Datasheet
218Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
TAITRON Components Inco...
TIP107 TAITRON-TIP107 Datasheet
241Kb / 4P
   Darlington Power Transistors (PNP)
More results

Similar Description - TIP107

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIP146TU FAIRCHILD-TIP146TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP147TU FAIRCHILD-TIP147TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP147TTU FAIRCHILD-TIP147TTU Datasheet
601Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP105TU FAIRCHILD-TIP105TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
Continental Device Indi...
CSB1626 CDIL-CSB1626 Datasheet
313Kb / 3P
   PNP SILICON EPITAXIAL POWER DARLINGTON TRANSISTOR
logo
Renesas Technology Corp
2SB963-Z RENESAS-2SB963-Z_15 Datasheet
739Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
logo
Hitachi Semiconductor
2SB1048 HITACHI-2SB1048 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Renesas Technology Corp
2SA1193 RENESAS-2SA1193 Datasheet
161Kb / 6P
   Silicon PNP Epitaxial, Darlington
2SB1048 RENESAS-2SB1048 Datasheet
160Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Fairchild Semiconductor
FJPF9020 FAIRCHILD-FJPF9020 Datasheet
63Kb / 5P
   PNP Epitaxial Darlington Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com