Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEH200UO4220MB2 Datasheet(PDF) 7 Page - Kemet Corporation

Part # PEH200UO4220MB2
Description  High CV value
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH200UO4220MB2 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button PEH200UO4220MB2 Datasheet HTML 3Page - Kemet Corporation PEH200UO4220MB2 Datasheet HTML 4Page - Kemet Corporation PEH200UO4220MB2 Datasheet HTML 5Page - Kemet Corporation PEH200UO4220MB2 Datasheet HTML 6Page - Kemet Corporation PEH200UO4220MB2 Datasheet HTML 7Page - Kemet Corporation PEH200UO4220MB2 Datasheet HTML 8Page - Kemet Corporation PEH200UO4220MB2 Datasheet HTML 9Page - Kemet Corporation PEH200UO4220MB2 Datasheet HTML 10Page - Kemet Corporation PEH200UO4220MB2 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4034_PEH200 • 3/30/2016
Screw Terminal Aluminum Electrolytic Capacitors – PEH200 Series, +85°C
Table 1 – Ratings & Part Number Reference cont'd
(1) Mounting Code: U2 = plain can, B2 = threaded mounting stud
2
2 m/s forced air, studmounted on 3°C/W aluminum chassis.
VDC
Rated
Capacitance Size
Code
Reference
Size
Ripple Current Maximum
ESR
Maximum
L
ESL
Part Number
100 Hz
25°C (µF)
D x L (mm)
100 Hz 85°C
(A)
10 kHz 50°C
(A)2
10 kHz 40°C
(A)
100 Hz 20°C
(mΩ)
100 kHz 20°C
(mΩ)
Approximate (nH)
350
680
D
35 x 95
3.8
21.9
16.0
120
55
12
PEH200UD3680M(1)
350
680
G
50 x 49
4.0
20.7
12.6
130
66
16
PEH200UG3680M(1)
350
1000
H
50 x 75
5.5
28.8
19.5
85
41
16
PEH200UH4100M(1)
350
1500
J
50 x 95
6.8
32.9
23.4
57
28
16
PEH200UJ4150M(1)
350
2200
O
65 x 105
9.4
39.8
29.2
41
21
16
PEH200UO4220M(1)
350
2200
L
75 x 78
9.8
43.5
29.4
41
21
17
PEH200UL4220M(1)
350
3300
O
65 x 105
10.9
38.6
27.5
31
17
16
PEH200UO4330M(1)
350
3300
M
90 x 78
13.1
54.0
37.0
28
15
16
PEH200UM4330M(1)
350
4700
U
75 x 115
14.5
54.7
39.5
20
11
17
PEH200UU4470M(1)
350
4700
N
90 x 98
15.0
51.3
36.7
22
13
16
PEH200UN4470M(1)
350
6800
V
75 x 145
16.8
57.0
42.3
15
8
17
PEH200UV4680M(1)
350
10000
X
75 x 220
19.4
60.8
48.5
11
7
17
PEH200UX5100M(1)
350
10000
Y
90 x 145
23.3
75.2
56.9
11
6
16
PEH200UY5100M(1)
350
15000
Z
90 x 220
27.3
79.8
64.4
8
5
16
PEH200UZ515AM(1)
385
220
A
35 x 51
2.1
14.6
9.3
330
150
12
PEH200XA3220M(1)
385
330
C
35 x 75
2.7
17.0
12.0
220
97
12
PEH200XC3330M(1)
385
470
D
35 x 95
3.3
19.1
14.2
150
69
12
PEH200XD3470M(1)
385
470
G
50 x 49
3.6
20.9
12.8
160
78
16
PEH200XG3470M(1)
385
680
H
50 x 75
4.7
26.8
18.4
110
51
16
PEH200XH3680M(1)
385
1000
J
50 x 95
5.9
31.7
22.8
76
35
16
PEH200XJ4100M(1)
385
1500
K
50 x 105
7.1
34.1
24.7
52
25
16
PEH200XK4150M(1)
385
2200
O
65 x 105
9.6
36.7
26.1
38
20
16
PEH200XO4220M(1)
385
2200
L
75 x 78
10.0
42.7
28.8
38
20
17
PEH200XL4220M(1)
385
3300
T
75 x 105
12.8
52.5
37.4
25
13
17
PEH200XT4330M(1)
385
3300
M
90 x 78
13.3
52.6
36.0
26
14
16
PEH200XM4330M(1)
385
4700
V
75 x 145
15.2
57.6
43.9
19
11
17
PEH200XV4470M(1)
385
4700
N
90 x 98
16.6
62.4
44.4
19
10
16
PEH200XN4470M(1)
385
6800
Y
90 x 145
20.9
74.8
57.2
14
8
16
PEH200XY4680M(1)
385
6800
X
75 x 220
17.4
58.9
47.0
14
8
17
PEH200XX4680M(1)
400
220
A
35 x 51
2.2
11.4
9.6
310
130
12
PEH200VA3220M(1)
400
330
C
35 x 75
2.8
14.3
12.6
210
90
12
PEH200VC3330M(1)
400
470
D
35 x 95
3.4
16.5
14.8
140
63
12
PEH200VD3470M(1)
400
470
G
50 x 49
3.7
15.0
12.7
150
73
16
PEH200VG3470M(1)
400
680
H
50 x 75
4.9
21.2
18.3
110
55
16
PEH200VH3680M(1)
400
1000
J
50 x 95
5.9
24.2
21.3
76
38
16
PEH200VJ4100M(1)
400
1500
O
65 x 105
9.1
49.1
35.1
53
27
16
PEH200VO415AQ(1)
400
1500
L
75 x 78
8.8
34.0
29.0
52
27
17
PEH200VL4150M(1)
400
2200
O
65 x 105
9.6
29.1
25.6
39
21
16
PEH200VO4220M(1)
400
2200
M
90 x 78
11.8
44.1
37.1
36
19
16
PEH200VM4220M(1)
400
3300
O
65 x 105
11.0
30.5
26.7
29
16
16
PEH200VO433AM(1)
400
3300
U
75 x 115
13.8
52.0
45.7
22
10
17
PEH200VU433AQ(1)
400
3300
N
90 x 98
14.9
52.8
45.2
25
13
16
PEH200VN4330M(1)
400
3300
T
75 x 105
13.0
41.5
36.3
26
14
17
PEH200VT4330M(1)
400
4700
V
75 x 145
15.6
57.0
42.5
18
10
17
PEH200VV447AM(1)
400
6800
X
75 x 220
17.6
51.2
47.7
13
8
17
PEH200VX4680M(1)
400
6800
Y
90 x 145
21.4
64.1
56.8
13
7
16
PEH200VY4680M(1)
400
10000
Z
90 x 220
24.7
69.2
64.0
9
5
16
PEH200VZ5100M(1)
420
150
A
35 x 51
1.8
12.1
7.8
400
170
12
PEH200OA3150M(1)
420
220
C
35 x 75
2.3
14.3
10.3
270
110
12
PEH200OC3220M(1)
420
330
D
35 x 95
2.9
16.3
12.3
180
76
12
PEH200OD3330M(1)
420
330
G
50 x 49
3.2
20.4
12.6
190
80
16
PEH200OG3330M(1)
420
470
H
50 x 75
4.2
24.8
17.0
140
62
16
PEH200OH3470M(1)
420
680
J
50 x 95
5.1
28.1
20.4
96
44
16
PEH200OJ3680M(1)
420
1000
K
50 x 105
6.3
32.0
23.2
67
31
16
PEH200OK4100M(1)
420
1500
O
65 x 105
8.8
38.9
28.4
47
23
16
PEH200OO4150M(1)
420
1500
L
75 x 78
9.1
42.3
28.5
47
23
17
PEH200OL4150M(1)
420
2200
T
75 x 105
11.5
51.6
37.0
32
16
17
PEH200OT4220M(1)
420
2200
M
90 x 78
12.2
52.7
36.0
33
17
16
PEH200OM4220M(1)
VDC
Rated
Capacitance
Size
Code
Reference
Size
Ripple Current
ESR
L
ESL
Part Number


Similar Part No. - PEH200UO4220MB2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH200 KEMET-PEH200 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results

Similar Description - PEH200UO4220MB2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RT MERITEK-RT Datasheet
151Kb / 2P
   Wide CV value range
RB MERITEK-RB Datasheet
1Mb / 8P
   This series has high value of CV for general purposes
logo
Nichicon corporation
UUR1E101MCL1GS NICHICON-UUR1E101MCL1GS Datasheet
53Kb / 2P
   Chip Type, High CV
logo
Texas Instruments
UCC28704 TI1-UCC28704 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency Off-Line CV
logo
Bookly Micro electronic
BM2490 BOOKLY-BM2490 Datasheet
565Kb / 8P
   CV Buck
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
   CV/CC
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
AVX Corporation
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
HolyStone International
RXX HOLYSTONECAPS-RXX Datasheet
274Kb / 4P
   High CV Conformal Coated Radial Leaded Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com