Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K103Z10X7RH5TH5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # K103Z10X7RH5TH5
Description  K10 Series Multilayer Ceramic Dipped Radial Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K103Z10X7RH5TH5 Datasheet(HTML) 1 Page - Vishay Siliconix

  K103Z10X7RH5TH5 Datasheet HTML 1Page - Vishay Siliconix K103Z10X7RH5TH5 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Benefits
• Highcapacitanceinsmallsize
• Costeffectivesolution
• ComplianttoRoHSDirective2011/65/EU,andREACHRegulationEC1907/2006
Key sPeCifiCAtiOns
• Capacitancerange:Class1C0Grange10pFto1nF;
Class2X7Rrange100pFto100nF;Class2Y5Vrange10nFto150nF
• Dielectricstrength:250%ofratedvoltage
• Insulationresistance:≥10000MΩ
• IEC60384-9Class2
• IEC60384-8Class1andEIA198
• OperatingTemperature:C0G,X7R:-55°Cto+125°C;Y5V:-30°Cto+85°C
APPLiCAtiOns
• Bypassing
• Coupling/decoupling
• Signalcomparison
ResOuRCes
• Datasheet:Mono-Kap®-http://www.vishay.com/doc?45183
• Fortechnicalquestionscontactcmll@vishay.com
MONO-K AP
THISDOCUMENTISSUBjECTTOCHANGEwITHOUTNOTICE.THEPRODUCTSDESCRIBEDHEREINANDTHISDOCUMENTARESUBjECTTO
SPECIFICDISCLAIMERS,SETFORTHATwww.vishay.com/doc?91000
CeRAmiC CAPACitORs
ON
AND TEC
1 9 6 2 - 2 0 1 2
V I SH AYI N TE R TE C H N OL OGY,I NC .
VMN-PT9161-1202
1/2
Discrete Semiconductors and Passive Components
One of the World’s Largest Manufacturers of
PRODUCTSHEET
K10 series multilayer Ceramic
Dipped Radial Capacitors


Similar Part No. - K103Z10X7RH5TH5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K103Z15Y5VE5TH5 VISHAY-K103Z15Y5VE5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K103Z15Y5VF5.H5 VISHAY-K103Z15Y5VF5.H5 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K103Z15Y5VF5.H5 VISHAY-K103Z15Y5VF5.H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
K103Z15Y5VF5.L2 VISHAY-K103Z15Y5VF5.L2 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K103Z15Y5VF5.L2 VISHAY-K103Z15Y5VF5.L2 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
More results

Similar Description - K103Z10X7RH5TH5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K100K15C0GH53L2 VISHAY-K100K15C0GH53L2 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K105K20X7RF5TH5 VISHAY-K105K20X7RF5TH5 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K681K15C0GF53H5 VISHAY-K681K15C0GF53H5 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K331J10C0GH53L2 VISHAY-K331J10C0GH53L2 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
49363_VMN-PT9161 VISHAY-49363_VMN-PT9161 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com