Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109LBB035M2DD Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 109LBB035M2DD
Description  Extended Life, 3000 hours
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

109LBB035M2DD Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  109LBB035M2DD Datasheet HTML 1Page - Illinois Capacitor, Inc. 109LBB035M2DD Datasheet HTML 2Page - Illinois Capacitor, Inc. 109LBB035M2DD Datasheet HTML 3Page - Illinois Capacitor, Inc. 109LBB035M2DD Datasheet HTML 4Page - Illinois Capacitor, Inc. 109LBB035M2DD Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
Multiple Case Sizes - High Voltage High Current
APPLICATIONS
Filtering Switching Power Supplies
Operating Temperature
Range
-40°C to +85°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
16
25
35
50
63
80
100
160
200
250
350
400
450
Surge Voltage
SVDC
20
32
44
63
79
100
120
200
250
300
400
450
500
WVDC
16
25
35
50
63
80
100
160
200
250
350
400
450
D<30
.4
.3
.25
.2
.15
.15
.15
.1
.1
.1
.15
.15
.15
D=35
.4
.3
.25
.2
.15
.15
.15
.15
.15
.15
.15
.15
.15
D>40
.5
.45
.4
.35
.3
.25
.2
--
--
--
--
--
--
Dissipation
Factor
tan
δ
(120 Hz)
For capacitances above 33000uF, add to DF value (Capacitance-33000) *0.1
10000
Time
5 Minutes
Leakage Current
@20C, Rated WVDC applied
3
√CV
WVDC
16
25
35
50
63
80
100
160
200
250
350
400
450
-25°C/+20°C
4
3
3
2
2
2
2
6
6
6
8
8
8
Impedance
Ratio
(120 Hz)
-40°C/+20°C
15
10
8
6
6
5
5
9
9
9
12
12
12
3000 hours with rated voltage and rated ripple current applied at 85°C
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Load Life
Leakage Current
<100% of maximum specified value
1000 hours at 85°C with no voltage applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Shelf Life
Leakage Current
<100% of maximum specified value
Frequency (Hz)
Temperature (°C)
WVDC
60
120
400
1k
10k+
40
60
70
85
<100
0.8
1.0
1.1
1.15
1.25
1.8
1.4
1.2
1.2
Ripple Current
Multipliers
>160
0.8
1.0
1.1
1.15
1.47
1.8
1.4
1.2
1.2


Similar Part No. - 109LBB035M2DD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
109LBB035M2DD ILLINOISCAPACITOR-109LBB035M2DD Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
109LBB035M2DD ILLINOISCAPACITOR-109LBB035M2DD Datasheet
342Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
109LBB035M2DD ILLINOISCAPACITOR-109LBB035M2DD Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
More results

Similar Description - 109LBB035M2DD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
   Extended Life, 2000 hours
logo
United Chemi-Con, Inc.
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
logo
jb Capacitors Company
JCE JBCAPACITORS-JCE Datasheet
260Kb / 2P
   Load life of 2000~3000 hours
logo
United Chemi-Con, Inc.
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL250ADA CHEMI-CON-EMVL250ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL350ADA CHEMI-CON-EMVL350ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
logo
jb Capacitors Company
JCL JBCAPACITORS-JCL Datasheet
295Kb / 3P
   Load life of 3000~5000 hours
logo
United Chemi-Con, Inc.
EMVL500ADA CHEMI-CON-EMVL500ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL100ADA CHEMI-CON-EMVL100ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com