Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEH200YN4330MB2 Datasheet(PDF) 6 Page - Kemet Corporation

Part # PEH200YN4330MB2
Description  High CV value
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH200YN4330MB2 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button PEH200YN4330MB2 Datasheet HTML 2Page - Kemet Corporation PEH200YN4330MB2 Datasheet HTML 3Page - Kemet Corporation PEH200YN4330MB2 Datasheet HTML 4Page - Kemet Corporation PEH200YN4330MB2 Datasheet HTML 5Page - Kemet Corporation PEH200YN4330MB2 Datasheet HTML 6Page - Kemet Corporation PEH200YN4330MB2 Datasheet HTML 7Page - Kemet Corporation PEH200YN4330MB2 Datasheet HTML 8Page - Kemet Corporation PEH200YN4330MB2 Datasheet HTML 9Page - Kemet Corporation PEH200YN4330MB2 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4034_PEH200 • 3/30/2016
Screw Terminal Aluminum Electrolytic Capacitors – PEH200 Series, +85°C
Table 1 – Ratings & Part Number Reference
(1) Mounting Code: U2 = plain can, B2 = threaded mounting stud
2
2 m/s forced air, studmounted on 3°C/W aluminum chassis.
VDC
Rated
Capacitance Size
Code
Reference
Size
Ripple Current Maximum
ESR
Maximum
L
ESL
Part Number
100 Hz
25°C (µF)
D x L (mm)
100 Hz 85°C
(A)
10 kHz 50°C
(A)2
10 kHz 40°C
(A)
100 Hz 20°C
(mΩ)
100 kHz 20°C
(mΩ)
Approximate (nH)
25
15000
A
35 x 51
11.9
28.7
19.0
25
21
12
PEH200HA5150M(1)
25
22000
C
35 x 75
15.2
34.3
24.4
17
14
12
PEH200HC5220M(1)
25
33000
D
35 x 95
17.8
38.0
28.1
12
10
12
PEH200HD5330M(1)
25
47000
H
50 x 75
20.2
43.3
30.1
11
10
16
PEH200HH5470M(1)
25
68000
J
50 x 95
23.4
47.4
34.6
8
7
16
PEH200HJ5680M(1)
25
100000
K
50 x 105
23.9
46.1
34.7
7
7
16
PEH200HK6100M(1)
25
150000
O
65 x 105
26.3
50.0
37.2
7
7
16
PEH200HO6150M(1)
25
220000
T
75 x 105
35.0
63.6
49.5
5
5
17
PEH200HT6220M(1)
25
330000
V
75 x 145
40.0
73.1
56.9
4
4
17
PEH200HV6330M(1)
40
6800
A
35 x 51
9.9
27.2
18.1
33
25
12
PEH200KA4680M(1)
40
10000
B
35 x 60
12.0
31.5
21.4
23
18
12
PEH200KB5100M(1)
40
15000
C
35 x 75
14.6
36.1
25.5
16
12
12
PEH200KC5150M(1)
40
22000
D
35 x 95
17.1
39.8
29.2
12
9
12
PEH200KD5220M(1)
40
33000
H
50 x 75
18.9
41.1
28.8
11
9
16
PEH200KH5330M(1)
40
47000
J
50 x 95
22.1
46.3
33.6
8
7
16
PEH200KJ5470M(1)
40
68000
O
65 x 105
25.2
49.9
35.6
7
7
16
PEH200KO5680M(1)
40
100000
O
65 x 105
24.9
46.3
36.9
8
8
16
PEH200KO6100M(1)
40
150000
U
75 x 115
35.7
67.7
51.2
5
4
17
PEH200KU6150M(1)
40
220000
V
75 x 145
34.4
62.3
48.9
5
5
17
PEH200KV6220M(1)
63
4700
A
35 x 51
9.0
26.8
18.0
32
21
12
PEH200MA4470M(1)
63
6800
C
35 x 75
11.5
32.7
23.5
21
14
12
PEH200MC4680M(1)
63
10000
D
35 x 95
13.6
36.0
27.0
15
10
12
PEH200MD5100M(1)
63
15000
H
50 x 75
16.1
37.3
26.5
14
11
16
PEH200MH5150M(1)
63
22000
J
50 x 95
19.0
42.0
30.9
10
8
16
PEH200MJ5220M(1)
63
33000
O
65 x 105
22.8
45.9
34.8
10
8
16
PEH200MO5330M(1)
63
47000
O
65 x 105
21.8
42.7
32.0
10
9
16
PEH200MO5470M(1)
63
68000
U
75 x 115
31.5
61.3
46.8
6
5
17
PEH200MU5680M(1)
63
100000
V
75 x 145
34.3
62.2
50.3
5
5
17
PEH200MV6100M(1)
100
1500
A
35 x 51
5.7
18.0
12.1
92
63
12
PEH200PA4150M(1)
100
2200
B
35 x 60
7.0
21.3
14.7
63
44
12
PEH200PB4220M(1)
100
3300
C
35 x 75
8.7
25.0
17.8
43
30
12
PEH200PC4330M(1)
100
4700
D
35 x 95
10.3
28.9
21.1
31
21
12
PEH200PD4470M(1)
100
6800
H
50 x 75
12.7
30.4
21.5
33
27
16
PEH200PH4680M(1)
100
10000
J
50 x 95
15.3
34.7
25.6
23
19
16
PEH200PJ5100M(1)
100
15000
K
50 x 105
17.3
37.6
27.9
17
14
16
PEH200PK5150M(1)
100
22000
O
65 x 105
19.3
38.7
30.1
15
13
16
PEH200PO5220M(1)
100
33000
T
75 x 105
26.3
53.0
39.8
10
8
17
PEH200PT5330M(1)
100
47000
V
75 x 145
30.8
60.5
47.3
7
6
17
PEH200PV5470M(1)
250
330
A
35 x 51
2.2
13.5
8.7
330
170
12
PEH200SA3330M(1)
250
470
B
35 x 60
2.7
15.9
10.6
240
120
12
PEH200SB3470M(1)
250
680
C
35 x 75
3.4
18.7
13.0
160
84
12
PEH200SC3680M(1)
250
1000
D
35 x 95
4.1
21.2
15.6
110
58
12
PEH200SD4100M(1)
250
1000
G
50 x 49
4.3
20.7
12.6
120
69
16
PEH200SG4100M(1)
250
1500
H
50 x 75
5.9
28.7
19.5
78
42
16
PEH200SH4150M(1)
250
2200
J
50 x 95
7.3
32.5
23.2
54
29
16
PEH200SJ4220M(1)
250
3300
O
65 x 105
10.0
39.8
29.4
38
22
16
PEH200SO4330M(1)
250
3300
L
75 x 78
10.5
43.8
29.6
38
22
17
PEH200SL4330M(1)
250
4700
O
65 x 105
11.3
38.2
27.2
29
18
16
PEH200SO4470M(1)
250
4700
M
90 x 78
12.7
44.2
30.4
30
18
16
PEH200SM4470M(1)
250
6800
T
75 x 105
14.7
51.5
36.5
20
12
17
PEH200ST4680M(1)
250
6800
N
90 x 98
15.8
52.1
37.3
21
13
16
PEH200SN4680M(1)
250
10000
V
75 x 145
18.0
59.0
44.0
14
9
17
PEH200SV5100M(1)
250
12000
V
75 x 145
18.8
58.6
43.6
14
9
17
PEH200SV512AM(1)
250
15000
X
75 x 220
20.6
61.6
49.2
10
6
17
PEH200SX5150M(1)
250
15000
Y
90 x 145
21.8
60.1
45.5
12
8
16
PEH200SY5150M(1)
350
220
A
35 x 51
2.0
13.7
8.8
360
170
12
PEH200UA3220M(1)
350
330
B
35 x 60
2.6
16.6
11.0
240
110
12
PEH200UB3330M(1)
350
470
C
35 x 75
3.2
19.3
13.4
170
79
12
PEH200UC3470M(1)
VDC
Rated
Capacitance
Size
Code
Reference
Size
Ripple Current
ESR
L
ESL
Part Number


Similar Part No. - PEH200YN4330MB2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH200 KEMET-PEH200 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results

Similar Description - PEH200YN4330MB2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RT MERITEK-RT Datasheet
151Kb / 2P
   Wide CV value range
RB MERITEK-RB Datasheet
1Mb / 8P
   This series has high value of CV for general purposes
logo
Nichicon corporation
UUR1E101MCL1GS NICHICON-UUR1E101MCL1GS Datasheet
53Kb / 2P
   Chip Type, High CV
logo
Texas Instruments
UCC28704 TI1-UCC28704 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency Off-Line CV
logo
Bookly Micro electronic
BM2490 BOOKLY-BM2490 Datasheet
565Kb / 8P
   CV Buck
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
   CV/CC
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
AVX Corporation
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
HolyStone International
RXX HOLYSTONECAPS-RXX Datasheet
274Kb / 4P
   High CV Conformal Coated Radial Leaded Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com