Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107TTA450M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 107TTA450M
Description  Standard, general purpose 2000 hours
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107TTA450M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  107TTA450M Datasheet HTML 1Page - Illinois Capacitor, Inc. 107TTA450M Datasheet HTML 2Page - Illinois Capacitor, Inc. 107TTA450M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Axial lead - High voltage
APPLICATIONS
Filtering Bypass Coupling Blocking
Operating Temperature
Range
-40°C to +85°C (10 to 350 WVDC)
-25°C to +85°C (450 WVDC)
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge
voltage
WVDC
10
16
25
35
50
63
100
160
200
250
350
450
SVDC
13
20
32
44
63
79
125
200
250
300
400
500
Dissipation
Factor
WVDC
10
16
25
35
50
63
100
160
200
250
350
450
Tan δ
.24
.20
.16
.14
.12
.1
.1
.2
.2
.2
.25
.25
Add .02 for every 1000μF above 1000μF
Leakage current
10 to 100 WVDC
160 to 450 WVDC
1 Minute
2 Minutes
1 Minute
1 Minute
.03CV or 4μA,
Whichever is greater
.01CV or 3μA,
Whichever is greater
CV<1000
.04CV+100μA
CV>1000
.1CV+40μA
Low temperature
stability
Impedance ratio
(120 Hz)
WVDC
10
16
25
35
50
63
100
160
200
250
350
450
-25°C to
+20°C
4
3
2
2
2
2
2
4
4
4
4
6
-40°C to
+20°C
10
8
5
4
3
3
3
15
15
15
10
-
Load Life
2000 hours at 85°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current
Multipliers
Capacitance
Frequency (Hz)
Temperature (°C)
μF
50
120
400
1k
10k
50k
+85
+70
+60
+30
C<10
.8
1.0
1.3
1.45
1.65
1.7
1.0
1.3
1.5
1.8
10<C<100
.8
1.0
1.23
1.36
1.48
1.53
1.0
1.3
1.5
1.8
100<C<1000
.8
1.0
1.16
1.25
1.35
1.38
1.0
1.3
1.5
1.8
C>1000
.8
1.0
1.11
1.17
1.25
1.28
1.0
1.3
1.5
1.8
D
5
6.3
8
10
12.5
16
18
22
25
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
1.0
1.0
D< 10mm, L1=L+1.5mm Max. mm
mm
D> 10mm, L1=L+2mm Max.
D1=D+B Max.


Similar Part No. - 107TTA450M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107TTA450M ILLINOISCAPACITOR-107TTA450M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
107TTA450M ILLINOISCAPACITOR-107TTA450M Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
107TTA450M ILLINOISCAPACITOR-107TTA450M Datasheet
291Kb / 3P
   Axial lead - High voltage
107TTA450M ILLINOISCAPACITOR-107TTA450M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
107TTA450M ILLINOISCAPACITOR-107TTA450M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
More results

Similar Description - 107TTA450M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
   General Purpose 1000 hours
logo
United Chemi-Con, Inc.
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
   Extended Life, 2000 hours
logo
United Chemi-Con, Inc.
EMVJ100ADA CHEMI-CON-EMVJ100ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ6R3ADA CHEMI-CON-EMVJ6R3ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ160ADA CHEMI-CON-EMVJ160ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
logo
Illinois Capacitor, Inc...
105SAK050M ILLINOISCAPACITOR-105SAK050M_16 Datasheet
242Kb / 2P
   Low Profile, 2000 hours
logo
United Chemi-Con, Inc.
EMVJ500ADA CHEMI-CON-EMVJ500ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ350ADA CHEMI-CON-EMVJ350ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com