Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7447714470 Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # 7447714470
Description  Hysteretic Buck High Brightness LED Driver with Internal Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

7447714470 Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button 7447714470 Datasheet HTML 5Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 6Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 7Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 8Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 9Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 10Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 11Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 12Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 13Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Apr.2016
9/13
UM1360
Applications Information
Setting Nominal Average Output Current with External Resistor RS
The nominal average output current in the LED(s) is determined by the value of the external
current sense resistor (RS) connected between VIN and ISENSE and is given by:
IOUTnom=0.1/RS [for RS≥0.1Ω]
The table below gives values of nominal average output current for several preferred values of
current setting resistor (Rs) in the typical application circuit as shown on page 5.
Rs (Ω)
Nominal Average Output Current (mA)
0.1
1000
0.13
760
0.15
667
0.3
333
The above values assume that the VSET pin is floating or applied with a voltage higher than
2.5V (must be less than 5V). Note that Rs=0.1Ω is the minimum allowed value of sense
resistor under these conditions to maintain switch current below the specified maximum value.
It is possible to use different values of Rs if the VSET pin is driven from an external voltage.
(See next section).
Output Current Adjustment by External DC Control Voltage
The VSET pin can be driven by an external DC voltage (VEN), as shown, to adjust the output
current to a value below the nominal average value defined by Rs.
D1
Rs 0.13Ω
L1
68
μH
10
μF
C1
VIN (6V-40V)
VIN
VSET
ISENSE
LX
UM1360
LED
3W
The average output current is given by:
IOUT=(0.1*VEN)/(2.5*Rs) [for 0.3V<VEN<2.5V]
Note that 100% brightness setting corresponds to:
(2.5V≤VEN≤5V)
Output Current Adjustment by PWM Control
A Pulse Width Modulated (PWM) signal with duty cycle PWM can be applied to the VSET
pin, as shown below, to adjust the output current to a value below the nominal average value
set by resistor Rs:


Similar Part No. - 7447714470

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447714470 WURTH-7447714470 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714470 WURTH-7447714470 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
7447714470 WURTH-7447714470_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
More results

Similar Description - 7447714470

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
   High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
   High Brightness LED Driver with Internal Switch
BL9581 BELLING-BL9581 Datasheet
325Kb / 16P
   High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com