Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8201BL Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part No. RTL8201BL
Description  REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8201BL Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button RTL8201BL Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 27Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
RTL8201BL
2002-03-29
Rev.1.2
28
9. Mechanical Dimensions
Notes:
1.To be determined at seating plane -c-
2.Dimensions D1 and E1 do not include mold protrusion.
Symbo
l
Dimension in
inch
Dimension in
mm
D1 and E1 are maximum plastic body size dimensions
including mold mismatch.
Min
Nom
Max
Min
Nom
Max
3.Dimension b does not include dambar protrusion.
A
-
-
0.067
-
-
1.70
Dambar can not be located on the lower radius of the foot.
A1
0.000
0.004
0.008
0.00
0.1
0.20
4.Exact shape of each corner is optional.
A2
0.051
0.055
0.059
1.30
1.40
1.50
5.These dimensions apply to the flat section of the lead
b
0.006
0.009
0.011
0.15
0.22
0.29
between 0.10 mm and 0.25 mm from the lead tip.
b1
0.006
0.008
0.010
0.15
0.20
0.25
6. A1 is defined as the distance from the seating plane to the
c
0.004
-
0.008
0.09
-
0.20
lowest point of the package body.
c1
0.004
-
0.006
0.09
-
0.16
7.Controlling dimension: millimeter.
D
0.354 BSC
9.00 BSC
8. Reference document: JEDEC MS-026, BBC
D1
0.276 BSC
7.00 BSC
E
0.354 BSC
9.00 BSC
TITLE: 48LD LQFP ( 7x7x1.4mm)
E1
0.276 BSC
7.00 BSC
PACKAGE OUTLINE DRAWING, FOOTPRINT 2.0mm
e
0.020 BSC
0.50 BSC
LEADFRAME MATERIAL:
L
0.016
0.024
0.031
0.40
0.60
0.80
APPROVE
DOC. NO.
L1
0.039 REF
1.00 REF
VERSION
1
θ
0
°
3.5
°
9
°
0
°
3.5
°
9
°
PAGE
OF
θ1
0
°
-
-
0
°
-
-
CHECK
DWG NO.
SS048 - P1
θ2
12
° TYP
12
° TYP
DATE
Sept. 25.2000
θ3
12
° TYP
12
° TYP
REALTEK SEMI-CONDUCTOR CORP.


Similar Part No. - RTL8201BL

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201BL

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
Infineon Technologies AG
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com