![]() |
Electronic Components Datasheet Search |
|
RTL8201BL Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers |
|
RTL8201BL Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 29 page ![]() RTL8201BL 2002-03-29 Rev.1.2 10 6.5. Register 4 Auto-negotiation Advertisement Register(ANAR) This register contains the advertised abilities of this device as they will be transmitted to its link partner during Auto-negotiation. Address Name Description/Usage Default/Attribute 4:<15> NP Next Page bit. 0 = transmitting the primary capability data page 1 = transmitting the protocol specific data page 0, RO 4:<14> ACK 1 = acknowledge reception of link partner capability data word 0 = do not acknowledge reception 0, RO 4:<13> RF 1 = advertise remote fault detection capability 0 = do not advertise remote fault detection capability 0, RW 4:<12:11> Reserved 4:<10> Pause 1 = flow control is supported by local node 0 = flow control is NOT supported by local node 0, RW 4:<9> T4 1 = 100Base-T4 is supported by local node 0 = 100Base-T4 not supported by local node 0, RO 4:<8> TXFD 1 = 100Base-TX full duplex is supported by local node 0 = 100Base-TX full duplex not supported by local node 1, RW 4:<7> TX 1 = 100Base-TX is supported by local node 0 = 100Base-TX not supported by local node 1, RW 4:<6> 10FD 1 = 10Base-T full duplex supported by local node 0 = 10Base-T full duplex not supported by local node 1, RW 4:<5> 10 1 = 10Base-T is supported by local node 0 = 10Base-T not supported by local node 1, RW 4:<4:0> Selector Binary encoded selector supported by this node. Currently only CSMA/CD <00001> is specified. No other protocols are supported. <00001>, RW 6.6 Register 5 Auto-Negotiation Link Partner Ability Register(ANLPAR) This register contains the advertised abilities of the Link Partner as received during Auto-negotiation. The content changes after the successful Auto-negotiation if Next-pages are supported. Address Name Description/Usage Default/Attribute 5:<15> NP Next Page bit. 0 = transmitting the primary capability data page 1 = transmitting the protocol specific data page 0, RO 5:<14> ACK 1 = link partner acknowledges reception of local node’s capability data word 0 = no acknowledgement 0, RO 5:<13> RF 1 = link partner is indicating a remote fault 0 = link partner does not indicate a remote fault 0, RO 5:<12:11> Reserved 5:<10> Pause 1 = flow control is supported by Link partner 0 = flow control is NOT supported by Link partner 0, RO 5:<9> T4 1 = 100Base-T4 is supported by link partner 0 = 100Base-T4 not supported by link partner 0, RO 5:<8> TXFD 1 = 100Base-TX full duplex is supported by link partner 0 = 100Base-TX full duplex not supported by link partner 0, RO |
Similar Part No. - RTL8201BL |
|
Similar Description - RTL8201BL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |