Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8201BL Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part No. RTL8201BL
Description  REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8201BL Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button RTL8201BL Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
RTL8201BL
2002-03-29
Rev.1.2
14
7. Functional Description
The RTL8201BL Phyceiver is a physical layer device that integrates 10Base-T and 100Base-TX functions and some extra
power manage features into a 48 pin single chip which is used in 10/100 Fast Ethernet applications. This device supports the
following functions:
MII interface with MDC/MDIO SMI management interface to communicate with MAC
IEEE 802.3u clause 28 Auto-Negotiation ability
Flow control ability support to cooperate with MAC
Speed, duplex, auto-negotiation ability configurable by hard wire or MDC/MDIO.
Flexible LED configuration.
7-wire SNI(Serial Network Interface) support, works only on 10Mbps mode.
Power Down mode support
4B/5B transform
Scrambling/De-scrambling
NRZ to NRZI, NRZI to MLT3
Manchester Encode and Decode for 10 BaseT operation
Clock and Data recovery
Adaptive Equalization
Far End Fault Indication (FEFI) in fiber mode
7.1 MII and Management Interface
7.1.1 Data Transition
To set the RTL8201BL for MII mode operation, pull MII/SNIB pin high and properly set the ANE, SPEED, and DUPLEX pins.
The MII (Media Independent Interface) is an 18-signal interface which is described in IEEE 802.3u supplying a standard
interface between PHY and MAC layer. This interface operates in two frequencies – 25Mhz and 2.5Mhz to support
100Mbps/10Mbps bandwidth for both the transmit and receive function. While transmitting packets, the MAC will first assert
the TXEN signal and change byte data into 4 bits nibble and pass to the PHY by TXD[0..3]. PHY will sample TXD[0..]
synchronously with TXC — the transmit clock signal supplied by PHY – during the interval TXEN is asserted. While
receiving a packet, the PHY will assert the RXEN signal, pass the received nibble data RXD[0..3] clocked by RXC, which is
recovered from the received data. CRS and COL signals are used for collision detection and handling.
In 100Base-TX mode, when decoded signal in 5B is not IDLE, the CRS signal will assert and when 5B is recognized as IDLE
it will be de-asserted. In 10Base-T mode, CRS will assert when the 10M preamble been confirmed and will be de-asserted
when the IDLE pattern been confirmed.
The RXDV signal will be asserted when decoded 5B are /J/K/and will be deasserted if the 5B are /T/R/or IDLE in 100Mbps
mode. In 10Mbps mode, the RXDV signal is the same as the CRS signal.
The RXER (Receive Error) signal will be asserted if any 5B decode errors occur such as invalid J/K, T/R, invalid symbol, this
pin will go high for one or more clock period to indicate to the reconciliation sublayer that an error was detected somewhere in
the frame.
The RTL8201BL does not use the TXER signal and will not affect the transmit function.
7.1.2 Serial Management
The MAC layer device can use the MDC/MDIO management interface to control a maximum of 31 RTL8201BL devices,
configured with different PHY addresses (00001b to 11111b). During a hardware reset, the logic levels of pins 9,10,12,13,15
are latched into the RTL8201BL to be set as the PHY address for serial management interface communication. Setting the
PHY address to 00000b will put the RTL8201BL into power down mode. The read and write frame structure for the


Similar Part No. - RTL8201BL

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201BL

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
Infineon Technologies AG
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com