Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8201BL Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part No. RTL8201BL
Description  REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8201BL Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button RTL8201BL Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
RTL8201BL
2002-03-29
Rev.1.2
15
management interface follows.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A4
A3
A2
A1
A0
R4
R3
R2
R1
R0
1
0
1
0
1
0
32 1s
OP
ST
Preamble
PHYAD[4:0]
TA
DATA
REGAD[4:0]
Idle
MDC
MDIO
MDIO is sourced by MAC. Clock data into PHY on rising edge of MDC
Write Cycle
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A4
A3
A2
A1
A0
R4
R3
R2
R1
R0
0
1
1
0
0
32 1s
OP
ST
Preamble
PHYAD[4:0]
TA
DATA
REGAD[4:0]
Idle
MDC
MDIO
MDIO is sourced by MAC. Clock data into PHY on rising edge of MDC
Z
MDIO is sourced by PHY. Clock data from PHY on rising edge of MDC
Read Cycle
Preamble
32 contiguous logic '1's sent by the MAC on MDIO along with 32 corresponding cycles on MDC. This
provides synchronization for the PHY.
ST
Start of Frame. Indicated by a 01 pattern.
OP
Operation code. Read = 10. Write = 01.
PHYAD
PHY Address. Up to 31 PHYs can be connected to one MAC. This 5 bit field selects which PHY the frame is
directed to.
REGAD
Register Address. This is a 5 bit field that selects which one of the 32 registers of the PHY this operation refers to.
TA
Turnaround. This is a two bit time spacing between the register address and the data field of a frame to avoid
contention during a read transaction. For a read transaction, both the STA and the PHY shall remain in a
high-impedance state for the first bit time of the turnaround. The PHY shall drive a zero bit during the second
bit time of the turnaround of a read transaction.
DATA
Data. These are the 16 bits of Data.
IDLE
Idle Condition, not actually part of the management frame. This is a high impedance state. Electrically, the
PHY's pull-up resistor will pull the MDIO line to a logic one.
7.2 Auto-negotiation and Parallel Detection
The RTL8201BL supports IEEE 802.3u clause 28 Auto-negotiation operation which can cooperate with other transceivers
supporting auto-negotiation. By this mechanism, the RTL8201BL can auto detect the link partner’s ability and determine the
highest speed/duplex configuration and transmit/receive in this configuration. If the link partner does not support
Auto-negotiation, then the RTL8201BL will enable half duplex mode and enter parallel detection. The RTL8201BL will
default to transmit FLP and wait for the link partner to respond. If the RTL8201BL receives FPL, then the auto-negotiation
process will go on. If it receives NLP, then the RTL8201BL will change to 10Mbps and half duplex mode. If it receives a
100Mbps IDLE pattern, it will change to 100Mbps and half duplex mode.
To enable the auto-negotiation mode operation on the RTL8201BL, just pull the ANE pin high. And the SPEED pin and
DUPLEX pin will set the ability content of auto-negotiation register. The auto-negotiation mode can be externally disabled by
pulling the ANE pin low. In this case, the SPEED pin and DUX pin will change the media configuration of the RTL8201BL.
Below is a list for all configurations of the ANE/SPEED/DUPLEX pins and their operation in Fiber or UTP mode.
Select Medium type and interface mode to MAC
FX
(pin 24)
MII/SNIB
(pin 44)
Operation mode
L
H
UTP mode and MII interface
L
L
UTP mode and SNI interface
H
X
Fiber mode and MII interface


Similar Part No. - RTL8201BL

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201BL

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
Infineon Technologies AG
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com