Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62-MTB-300-5-21 Datasheet(PDF) 2 Page - API Technologies Corp

Part # 62-MTB-300-5-21
Description  EMI/EMC Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

62-MTB-300-5-21 Datasheet(HTML) 2 Page - API Technologies Corp

  62-MTB-300-5-21 Datasheet HTML 1Page - API Technologies Corp 62-MTB-300-5-21 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
eis.apitech.com
|
+1.855.294.3800
|
eisSales@apitech.com
Guaranteed Minimum Attenuation in [dB]
 
Model/Freq.
Common mode [MHz]
Normal mode [MHz]
0.15
0.45
1
2
5
10
30
0.15
0.45
1
2
5
10
30
-060-5-21
55
60
55
49
41
35
30
60
78
78
72
69
60
51
-100-5-21
52
70
60
56
50
42
39
52
75
80
75
70
61
59
-160-5-21
35
52
60
50
45
39
30
42
70
80
78
70
62
60
-200-5-21
25
45
58
55
49
40
31
35
62
76
70
70
70
60
-300-5-21
5
21
31
39
45
45
30
19
38
78
70
60
58
55
-060-4-21
50
66
60
58
50
42
37
60
82
78
70
62
58
52
-100-4-21
39
61
60
52
58
40
38
55
69
78
78
69
60
59
-160-4-21
15
38
48
49
41
35
28
41
80
78
72
67
69
58
-200-4-21
12
28
38
40
40
35
29
32
72
78
70
61
60
58
-300-4-21
8
11
19
22
28
31
38
20
40
79
70
61
58
50
Shapes and Dimensions
 
 


Similar Part No. - 62-MTB-300-5-21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
62-024-1M ETC2-62-024-1M Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
62-036-1M ETC2-62-036-1M Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
62-048-1M ETC2-62-048-1M Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
62-060-1M ETC2-62-060-1M Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
OEN India Limited
62-12-1A-C OENINDIA-62-12-1A-C Datasheet
338Kb / 1P
   HEAVY-DUTY POWER RELAY
More results

Similar Description - 62-MTB-300-5-21

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
HP4 DIT-HP4 Datasheet
954Kb / 2P
   EMI/EMC FILTER
PC2 DIT-PC2 Datasheet
1Mb / 2P
   EMI/EMC FILTER
TB3 DIT-TB3 Datasheet
1Mb / 4P
   EMI/EMC FILTER
TBB DIT-TBB Datasheet
1Mb / 2P
   EMI/EMC FILTER
ES3 DIT-ES3 Datasheet
1Mb / 2P
   EMI/EMC FILTER
CA5 DIT-CA5 Datasheet
1Mb / 2P
   EMI/EMC FILTER
CN2-F30 DIT-CN2-F30 Datasheet
913Kb / 2P
   EMI/EMC FILTER
TB6-B DIT-TB6-B Datasheet
3Mb / 8P
   EMI/EMC FILTER
TY1 DIT-TY1 Datasheet
1Mb / 3P
   EMI/EMC FILTER
IF-0342-W DIT-IF-0342-W Datasheet
1Mb / 2P
   EMI/EMC FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com