Electronic Components Datasheet Search |
|
XC6204D341MR Datasheet(PDF) 8 Page - Torex Semiconductor |
|
XC6204D341MR Datasheet(HTML) 8 Page - Torex Semiconductor |
8 / 28 page XC6204 Series 264 3 XC6204C, D Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MIN. TYP. UNITS CIRCUIT Output Voltage Maximum Output Current IOUT MAX mA 1 V1 V1 V1 V – 1 Load Regulation △VOUT E-1 mV mV mV Dropout Voltage E-2 1 2 2 Supply Current (C series) 50 80 120 50 90 145 100 40 80 120 Supply Current (D series) IDD 40 70 0.10 0.05 1.00 0.01 Standby Current Line Regulation △ VOUT △ VOUT Input Voltage VIN 10 Output Voltage Temp. Characteristics 1 Output Noise en 30 3 Ripple Rejection Rate 70 dB 4 Current Limiter 280 mA 1 Short-circuit Current 50 60 mA 1 VIN VIN 0.10 0.15 MAX. MAX. Ta=25℃ -40℃ ≤Ta≤85℃ ×0.98 VOUT(T) ×1.02 ×0.97 VOUT(T) ×1.03 150 150 VOUT(E) 1mA ≤IOUT≤100mA 15 50 30 80 Vdif1 Vdif2 IOUT=30mA IOUT=100mA IOUT=30mA VIN=VOUT(T)+1.0V,VCE=VSS VIN=VOUT(T)+1.0V,VCE=VSS VIN=VCE=VOUT(T)+1.0V µA µA 1 0.20 0.05 0.30 0.01 %/V Istby △VIN・VOUT VOUT(T)+1.0V ≤VIN≤10V IOUT=30mA 210 2 △Topr・VOUT IOUT=30mA -40℃ ≤Topr≤85℃ 100 ppm/ ℃ IOUT=10mA 300Hz∼50kHz µVrms PSRR VIN=[VOUT(T)+1.0]V+1.0Vp-pAC IOUT=50mA,f=10kHz Ilim VIN=VOUT(T)+1.0V,VCE=VSS VIN=VOUT(T)+1.0V,VCE=VSS VIN=VCE=VOUT(T)+1.0V VIN=VOUT(T)+1.0V,VCE=VSS VIN=VOUT(T)+1.0V,VCE=VSS 300 CE "High" Voltage CE "High" Current CE "Low" Voltage CE "Low" Current (C series) CE "Low" Current (D series) Ishort 1.6 1.7 VCEH VCEL 0.25 0.20 ICEH ICEL -0.10 -20 -0.10 -0.15 µA µA 2 2 0.10 0.10 -25 -0.15 0.15 µA 2 0.15 ICEL Note (NOTE 1) Unless otherwise stated, VIN=VOUT(T)+1.0V (NOTE 2) VOUT(T)=Specified Output Voltage (NOTE 3) VOUT(E)=Effective Output Voltage (I.e. the output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining a certain IOUT value). (NOTE 4) Vdif={VIN1(NOTE6)-VOUT1(NOTE5)} (NOTE 5) VOUT1=A voltage equal to 98% of the Output Voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. (NOTE 6) VIN1=The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased. (NOTE 7) The values for -40 °C≤Topr≤85°C are designed values. 03S_04XC6204 02.9.12 2:57 PM ページ 264 |
Similar Part No. - XC6204D341MR |
|
Similar Description - XC6204D341MR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |