Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62-LMB-100-5-11 Datasheet(PDF) 5 Page - API Technologies Corp

Part # 62-LMB-100-5-11
Description  Power Line Filters Appliance Filters
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

62-LMB-100-5-11 Datasheet(HTML) 5 Page - API Technologies Corp

  62-LMB-100-5-11 Datasheet HTML 1Page - API Technologies Corp 62-LMB-100-5-11 Datasheet HTML 2Page - API Technologies Corp 62-LMB-100-5-11 Datasheet HTML 3Page - API Technologies Corp 62-LMB-100-5-11 Datasheet HTML 4Page - API Technologies Corp 62-LMB-100-5-11 Datasheet HTML 5Page - API Technologies Corp 62-LMB-100-5-11 Datasheet HTML 6Page - API Technologies Corp 62-LMB-100-5-11 Datasheet HTML 7Page - API Technologies Corp 62-LMB-100-5-11 Datasheet HTML 8Page - API Technologies Corp 62-LMB-100-5-11 Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
62-AL/62-AC Series
Power Line Filters
Appliance Filters
Common Mode
Normal Mode
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
62-AFL-xxx-5-11
62-AFL-010-5-11
62-AFL-030-5-11
62-AFL-016-5-11
62-AFL-045-5-11
62-AFL-060-5-11
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
62-AFC-XXX-3-11
62-AFC-010-3-11
62-AFC-030-3-11
62-AFC-016-3-11
62-AFC-045-3-11
62-AFC-060-3-11
50Ω
Level
Meter
50Ω
1
3
2
4
Filter
Oscillator
50Ω
50Ω
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
62-AFC-XXX-3-11
62-AFC-010-3-11
62-AFC-030-3-11
62-AFC-016-3-11
62-AFC-045-3-11
62-AFC-060-3-11
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
120
100
80
60
40
20
0
2030
40
50
60
70
80
90
Ambient Temperature (°C)
Temperature Characteristics
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
1
2
5
10
20
50
62-AFL-xxx-3-11
62-AFL-010-3-11
62-AFL-030-3-11
62-AFL-016-3-11
62-AFL-045-3-11
62-AFL-060-3-11
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
62-AFC-xxx-5-11
62-AFC-010-5-11
62-AFC-030-5-11
62-AFC-016-5-11
62-AFC-045-5-11
62-AFC-060-5-11
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
62-AFL-xxx-5-11
62-AFL-010-5-11
62-AFL-030-5-11
62-AFL-016-5-11
62-AFL-045-5-11
62-AFL-060-5-11
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
1
2
5
10
20
50
62-AFL-XXX-3-11
62-AFL-010-3-11
62-AFL-030-3-11
62-AFL-016-3-11
62-AFL-045-3-11
62-AFL-060-3-11
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
62-AFC-xxx-5-11
62-AFC-010-5-11
62-AFC-030-5-11
62-AFC-016-5-11
62-AFC-045-5-11
62-AFC-060-5-11
PF53
Normal Mode


Similar Part No. - 62-LMB-100-5-11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
62-024-1M ETC2-62-024-1M Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
62-036-1M ETC2-62-036-1M Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
62-048-1M ETC2-62-048-1M Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
62-060-1M ETC2-62-060-1M Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
OEN India Limited
62-12-1A-C OENINDIA-62-12-1A-C Datasheet
338Kb / 1P
   HEAVY-DUTY POWER RELAY
More results

Similar Description - 62-LMB-100-5-11

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com