Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62-PMB-080-5-11 Datasheet(PDF) 9 Page - API Technologies Corp

Part # 62-PMB-080-5-11
Description  Power Line Filters Appliance Filters
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

62-PMB-080-5-11 Datasheet(HTML) 9 Page - API Technologies Corp

Back Button 62-PMB-080-5-11 Datasheet HTML 5Page - API Technologies Corp 62-PMB-080-5-11 Datasheet HTML 6Page - API Technologies Corp 62-PMB-080-5-11 Datasheet HTML 7Page - API Technologies Corp 62-PMB-080-5-11 Datasheet HTML 8Page - API Technologies Corp 62-PMB-080-5-11 Datasheet HTML 9Page - API Technologies Corp 62-PMB-080-5-11 Datasheet HTML 10Page - API Technologies Corp 62-PMB-080-5-11 Datasheet HTML 11Page - API Technologies Corp 62-PMB-080-5-11 Datasheet HTML 12Page - API Technologies Corp 62-PMB-080-5-11 Datasheet HTML 13Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Power Line Filters
Single Stage Wire Leads
Common Mode
Normal Mode
62-PML
62-PML
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
62-PML-030-5-21
62-PML-050-5-21
62-PML-015-5-21
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
50Ω
80
70
60
50
40
30
20
10
0
Frequency (MHz)
0.1
0.2
0.5
12
5
10
20
50
90
62-PML-015-5-11
62-PML-030-5-11
62-PML-050-5-11
Dimensions in inches
(mm)
BK
BK
PVC
Insulated wire
AWG # 20 UL1015
WH
G/Y
WH
1.573
(40)
2 — .138 x .181
(3.5 x 4.6)
1.219
(31)
.629
(16)
.944
(24)
.786
(20) 1.966
(50)
5.112
* (130)
.395
(10)
.395
(10)
1.856
(47.2)
5.112
* (130)
120
100
80
60
40
20
0
20
30
40
50
60
70
80
90
Ambient Temperature (°C)
Temperature Characteristics
62-PML Series
PF57
* Custom lengths available upon request.


Similar Part No. - 62-PMB-080-5-11

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
62-PMB-050-6-12 APITECH-62-PMB-050-6-12 Datasheet
1Mb / 11P
   Power Line Filters Three Phase
More results

Similar Description - 62-PMB-080-5-11

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com