Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12-PMF-010-5-A Datasheet(PDF) 3 Page - API Technologies Corp

Part # 12-PMF-010-5-A
Description  Power Line Filters Appliance Filters
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

12-PMF-010-5-A Datasheet(HTML) 3 Page - API Technologies Corp

  12-PMF-010-5-A Datasheet HTML 1Page - API Technologies Corp 12-PMF-010-5-A Datasheet HTML 2Page - API Technologies Corp 12-PMF-010-5-A Datasheet HTML 3Page - API Technologies Corp 12-PMF-010-5-A Datasheet HTML 4Page - API Technologies Corp 12-PMF-010-5-A Datasheet HTML 5Page - API Technologies Corp 12-PMF-010-5-A Datasheet HTML 6Page - API Technologies Corp 12-PMF-010-5-A Datasheet HTML 7Page - API Technologies Corp 12-PMF-010-5-A Datasheet HTML 8Page - API Technologies Corp 12-PMF-010-5-A Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
PF51
11-MPC Series
PCB Power Filters
Miniature Printed Circuit Board
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
Common Mode
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
50Ω
Normal Mode
11-MPC-001;-002
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-001-5-A
11-MPC-002-5-B
11-MPC-001-2-B
11-MPC-001-5-B
11-MPC-002-5-D
11-MPC-003;-006;-016
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-003-5-E
11-MPC-016-5-B
11-MPC-006-5-B
11-MPC-006-5-C
11-MPC-001;-002
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
1
11-MPC-001-5-A
11-MPC-001-2-B
11-MPC-001-5-B
11-MPC-002-5-B
11-MPC-002-5-D
11-MPC-003;-006;-016
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-003-5-E
11-MPC-006-5-B
11-MPC-006-5-C
11-MPC-016-5-B
2.0
(
51)
1.4 (
36)
0.9 (
25)
2.5 (
64)
0.9
(
25)±.007
0.6 (
15)
±
.03
FigureB
0.6
(
16)
0.6
(
15)
0.9 (
25)
0.4
(
10)
0.9
(
25)
0.6
(
16)
FigureA
20.0±1.0
10.0 ± 0.2
FigureA1
05.0
01 (5X)
28.0
10.0
36.0
45.0
10.0
45.0
35.0
16.0
7.0
FigureD
1.4 (
35.5)
.45
(11.5
)
1.9 (
49)
.45
(11.5
)
1.4
(35
)
1.1 (
27)
.15
(
4)
FigureE
1.9 (
30)
.79 (
20)
1.1 (
29)
1.7 (
44)
.30 (
7.5)
.60
(
15)
±
.07
.30 (
7.5)
.03 (
1) (5X)
FigureC
Dimensions in inches
(mm)


Similar Part No. - 12-PMF-010-5-A

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
12-002-101ST ARIES-12-002-101ST Datasheet
181Kb / 1P
   DIP Jumpers
12-002-101STL ARIES-12-002-101STL Datasheet
181Kb / 1P
   DIP Jumpers
12-002-101T ARIES-12-002-101T Datasheet
181Kb / 1P
   DIP Jumpers
12-002-101TL ARIES-12-002-101TL Datasheet
181Kb / 1P
   DIP Jumpers
12-002-102ST ARIES-12-002-102ST Datasheet
181Kb / 1P
   DIP Jumpers
More results

Similar Description - 12-PMF-010-5-A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com