Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL6652DP20 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # SL6652DP20
Description  LOWER POWER IF/AF CIRCUIT (WITH RSSI) FOR FM CELLULAR RADIO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6652DP20 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SL6652DP20 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6652DP20 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6652DP20 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6652DP20 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6652DP20 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6652DP20 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6652DP20 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6652DP20 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6652DP20 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SL6652
Fig. 3 Internal schematic
GENERAL DESCRIPTION
The SL6652 is a very low power, high performance
integrated circuit intended for IF amplification and
demodulation in FM radio receivers. It comprises:
q
A mixer stage for use up to lOOMHz
q
An uncommitted transistor for use as an oscillator
q
A current sink for biasing this transistor
q
A limiting amplifier operating up to 1.5MHz
q
A quadrature detector with differential AF output
q
An RSSI (Received Signal Strength Indicator) output
Mixer
The mixer is single balanced with an active load. Gain is
set externally by the load resistor although the value is
normally determined by that required for matching into the
ceramic filter. It is possible to use a tuned circuit but an
increase in mixer gain will result in a corresponding reduction
of the mixer input intercept point.
The RF input is a diode-biased transistor with a bias
current of typically 300
µA. The oscillator input is differential
but would normally be driven single-ended. Special care
should be taken to avoid accidental overload of the oscillator
input.
Oscillator
The oscillator consists of an uncommitted transistor and a
separate current sink. The user should ensure that the design
of oscillator is suitable for the type of crystal and frequency
required; it may not always be adequate to duplicate the
design shown in this data sheet.
IF amplifier
The limiting amplifier is capable of operation to at least 1
MHz and the input impedance is set by an external resistor to
match the ceramic filter. Because of the high gain, pins 12 and
13 must be adequately bypassed.
Detector
A conventional quadrature detector is fed internally from
the IF amplifier; the quadrature input is fed externally using an
appropriate capacitor and phase shift network. A differential
output is provided to feed a comparator for digital use,
although it can also be used to provide AFC.
RSSI output
The RSSI output is a current source with value
proportional to the logarithm of the IF input signal amplitude.
There is a small residual current due to noise within the
amplifier (and mixer) but beyond this point there is a measured
and guaranteed 70dB dynamic range. The typical range
extends to 92dB, independent of frequency, and with
exceptionally good temperature and supply voltage stability.
18
16
17
15
9
20
10
19
7
4k
13
14
12
200k
200k
11
5
6
8
3
BAND-GAP
REFERENCE
4
2
1
40k
40k
BIAS


Similar Part No. - SL6652DP20

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL6654 ZARLINK-SL6654 Datasheet
406Kb / 10P
   LOWER POWER IF/AF CIRCUIT (WITH RSSI) FOR FM CELLULAR RADIO
SL6659 ZARLINK-SL6659 Datasheet
496Kb / 15P
   LOW POWER IF/AF CIRCUIT (WITH RSSI) FOR FM RADIO
More results

Similar Description - SL6652DP20

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL6654 ZARLINK-SL6654 Datasheet
406Kb / 10P
   LOWER POWER IF/AF CIRCUIT (WITH RSSI) FOR FM CELLULAR RADIO
SL6659 ZARLINK-SL6659 Datasheet
496Kb / 15P
   LOW POWER IF/AF CIRCUIT (WITH RSSI) FOR FM RADIO
logo
Samsung semiconductor
S1T8514B SAMSUNG-S1T8514B Datasheet
104Kb / 6P
   FM IF RECEIVER WITH RSSI
KA8514 SAMSUNG-KA8514 Datasheet
105Kb / 5P
   FM IF RECEIVER WITH RSSI
logo
NXP Semiconductors
TEA5570 PHILIPS-TEA5570 Datasheet
180Kb / 19P
   RF/IF circuit for AM/FM radio
September 1987
logo
Panasonic Semiconductor
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
logo
List of Unclassifed Man...
SL6600C ETC1-SL6600C Datasheet
175Kb / 4P
   LOW POWER IF/AF PLL CIRCUIT FOR NARROW BAND FM
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
New Japan Radio
NJM2206 NJRC-NJM2206 Datasheet
506Kb / 13P
   LOW POWER IF/AF PLL CIRCUIT FOR NARROW BAND FM RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com