Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12-PMF-025-DC-D Datasheet(PDF) 2 Page - API Technologies Corp

Part # 12-PMF-025-DC-D
Description  Power Line Filters Appliance Filters
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

12-PMF-025-DC-D Datasheet(HTML) 2 Page - API Technologies Corp

  12-PMF-025-DC-D Datasheet HTML 1Page - API Technologies Corp 12-PMF-025-DC-D Datasheet HTML 2Page - API Technologies Corp 12-PMF-025-DC-D Datasheet HTML 3Page - API Technologies Corp 12-PMF-025-DC-D Datasheet HTML 4Page - API Technologies Corp 12-PMF-025-DC-D Datasheet HTML 5Page - API Technologies Corp 12-PMF-025-DC-D Datasheet HTML 6Page - API Technologies Corp 12-PMF-025-DC-D Datasheet HTML 7Page - API Technologies Corp 12-PMF-025-DC-D Datasheet HTML 8Page - API Technologies Corp 12-PMF-025-DC-D Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Power Line Filters
Appliance Filters
PF50
Features
I
Miniature general purpose PCB mounted filter
I
Requires minimal PCB real estate space
I
Low cost
I
Operating temperature: -25°C to +70°C
I
Two forms of cases are available:
metal case and plastic case
Applications
I
Personal computers and peripherals
I
Digital equipment
I
Measuring instruments and medical equipment
I
TV & VCR monitors and display units
I
Home appliances
Note: Test voltage: 1500VAC one minute, line to ground
Insulation resistance: 300 Mohm min. at 500VDC
Voltage drop: 1V max. at rated current
Weight: 17.5g
11-MPC Series
Circuit 1
Circuit 2
Circuit 3
Circuit 4
Circuit Diagram
Specifications
Model
11-MPC-001-2-B
11-MPC-001-5-A
11-MPC-001-5-B
11-MPC-002-5-B
11-MPC-002-5-D
11-MPC-003-5-E
11-MPC-006-5-B
11-MPC-006-5-C
11-MPC-016-5-B
RatedVoltage
(@50/60Hz)
120/250VAC
Rated
Current
1A
2A
3A
6A
16A
LeakageCurrent
(Max.)
5uA
0.50mA
0.2mA
Circuit
Diagram
1
2
3
2
4
Figure
A1
A
A1
D
E
A1
C
B
TemperatureRise
(Max.)
30°C


Similar Part No. - 12-PMF-025-DC-D

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
12-002-101ST ARIES-12-002-101ST Datasheet
181Kb / 1P
   DIP Jumpers
12-002-101STL ARIES-12-002-101STL Datasheet
181Kb / 1P
   DIP Jumpers
12-002-101T ARIES-12-002-101T Datasheet
181Kb / 1P
   DIP Jumpers
12-002-101TL ARIES-12-002-101TL Datasheet
181Kb / 1P
   DIP Jumpers
12-002-102ST ARIES-12-002-102ST Datasheet
181Kb / 1P
   DIP Jumpers
More results

Similar Description - 12-PMF-025-DC-D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com